Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
Rev. 0.00
�0
�e�te��e� ��� �01�
Rev. 0.00
�1
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Pr e sca le r Ou t put
In cr em en t
Ti me r C oun te r
TO N- wi th T E= 0
Ti me r+ 1+ 2
+3
+4
Pr e sca le r Ou t put i s sa mp le d a t ev er y fa lli ng adge o f T1 .
Ex te rn al P in I nput
Pulse Width Capture Mode Timing Chart (TE= 0)
Programmable Frequency Divider – PFD
TheProgrammableFrequencyDividerprovidesameansofproducingavariablefrequencyoutput
suitableforapplicationsrequiringaprecisefrequencygenerator.
ThePFDoutputispin-sharedwiththeI/OpinPA5.ThePFDfunctionisenabledviaPFDENbitin
MISCregister,however,ifnotenabled,thepincanoperateasanormalI/Opin.
Theoutputfrequencyiscontrolledbyloadingtherequiredvaluesintothetimerregistersand
prescalerregisterstogivetherequireddivisionratio.Thetimerwillbegintocount-upfromthis
preloadregistervalueuntilfull,atwhichpointanoverflowsignalisgenerated,causingthePFD
outputtochangestate.Thetimerwillthenbeautomaticallyreloadedwiththepreloadregistervalue
andcontinuecounting-up.
Ti me r Ov er fl ow
PF D Cl oc k
PA3 D at a
PF D Ou tp ut a t PA3
PFD Output Control
MISC Register
Bit
7
6
5
4
3
2
1
0
Na�e
ODE3
ODE�
ODE1
ODE0
—
—
—
PFDEN
R/W
R/W
R/W
R/W
R/W
—
—
—
R/W
POR
0
0
0
0
—
—
—
0
Bit7
ODE3:PB3OpenDrainControl
0:Disable
1:Enable
Bit6
ODE2:PB2OpenDrainControl
0:Disable
1:Enable
Bit5
ODE1:PB1OpenDrainControl
0:Disable
1:Enable
Bit4
ODE0:PB0OpenDrainControl
0:Disable
1:Enable
Bit3~1
Unimplemented,readas“0”
Bit0
PFDEN:PFDfunctioncontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com