Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Rev. 0.00
8�
�e�te��e� ��� �01�
Rev. 0.00
83
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Buzzer
OperatinginasimilarwaytotheProgrammableFrequencyDivider,theBuzzerfunctionprovides
ameansofproducingavariablefrequencyoutput,suitableforapplicationssuchasPiezo-buzzer
drivingorotherexternalcircuitsthatrequireaprecisefrequencygenerator.TheBZandBZpins
formacomplimentarypair,andarepin-sharedwithI/Opins,PA6andPA7.ABPCTLregisteris
usedtoselectfromoneofthreebuzzeroptions.ThefirstoptionisforbothpinsPA6andPA7tobe
usedasnormalI/Os,thesecondoptionisforbothpinstobeconfiguredasBZandBZbuzzerpins,
thethirdoptionselectsonlythePA6pintobeusedasaBZbuzzerpinwiththePA7pinretainingits
normalI/Opinfunction.NotethattheBZpinistheinverseoftheBZpinwhichtogethergeneratesa
differentialoutputwhichcansupplymorepowertoconnectedinterfacessuchasbuzzers.
Thebuzzerisdrivenbytheinternalclocksource,fTB,whichthenpassesthroughadivider,the
divisionratioofwhichisselectedbyBPCTLregistertoprovidearangeofbuzzerfrequenciesfrom
fTB/22tofTB/29.TheclocksourcethatgeneratesfTB,whichinturncontrolsthebuzzerfrequency,can
originatefromtwodifferentsources,theLIRCoscillatorortheSystemoscillator/4,thechoiceof
whichisdeterminedbythefTBclocksourceoption.Notethatthebuzzerfrequencyiscontrolledby
BPCTLregister,whichselectthesourceclockfortheinternalclockfTB.
BZ
BZ
(S e t b y BP CT L
Re gi st er )
Di vi de b y 2 2 ~2 9
f TB
BZ 2 BZ 1 BZ 0
M
U
X
LI RC
f SY S /4
TB CK B it
f TB C
Buzzer Function
If the BPCTL options have selected both pins PA6 and PA7 to function as a BZ and BZ
complementarypairofbuzzeroutputs,thenforcorrectbuzzeroperationitisessentialthatbothpins
mustbesetupasoutputsbysettingbitsPAC6andPAC7ofthePACportcontrolregistertozero.
ThePA6databitinthePAdataregistermustalsobesethightoenablethebuzzeroutputs,ifsetlow,
bothpinsPA6andPA7willremainlow.InthiswaythesinglebitPA6ofthePAregistercanbeused
asanon/offcontrolforboththeBZandBZbuzzerpinoutputs.NotethatthePA7databitinthePA
registerhasnocontrolovertheBZbuzzerpinPA7.
BPCTL Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
BC1
BC0
BZ�
BZ1
BZ0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas“0”
Bit4~3
BC1, BC0:BuzzerorI/O
00:PA7isI/O,PA6isI/O
01:PA7isI/O,PA6isBZ
10:Reserved
11:PA7isBZ,PA6isBZ
Bit1~0
BZ2~BZ0:Buzzeroutputfrequencyselection
000:fTB/22
001:fTB/23
010:fTB/24
011:fTB/25
100:fTB/26
101:fTB/27
110:fTB/28
111:fTB/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com