Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
Rev. 0.00
70
�e�te��e� ��� �01�
Rev. 0.00
71
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
OPA2switchcontrol:
ThefollowingtableillustratestherelationshipbetweenOPA2controlregistersettingsandthe
switches:
OPA2 Control Bits in OPA2C0, OPA2C1, OPA2C2
Switch Description
Results
1
0
1
1
00
0
0
0
0
ON
ON OFF OFF OFF OFF OFF Cali��ation �ode�
In�ut = A�P
1
1
1
0
00
0
0
0
0
ON
ON OFF OFF OFF OFF OFF Cali��ation �ode�
In�ut = A�N
1
1
0
×
00
0
0
0
0
ON
ON OFF OFF OFF OFF OFF No��al �ode�
In�ut = A�N� A�P
0
1
0
×
01
0
0
0
0
OFF ON OFF OFF OFF OFF �1�D
ON In�ut = A�N� VH1
0
1
0
×
10
0
0
0
0
OFF ON OFF OFF OFF OFF �13D
ON In�ut = A�N� VM
0
1
0
×
11
0
0
0
0
OFF ON OFF OFF OFF OFF �14D
ON In�ut = A�N� VL1
0
1
0
×
00
1
0
0
0
OFF ON OFF OFF OFF ON
OFF In�ut = A�N� A1E
1
0
0
×
00
0
1
0
0
ON OFF OFF ON OFF OFF OFF In�ut = A1E� A�P
1
1
0
×
00
0
0
1
0
ON
ON
ON OFF OFF OFF OFF In�ut = A�N� A�P
1
0
0
×
00
0
0
1
0
ON OFF ON OFF OFF OFF OFF In�ut = A�N� A�P
1
0
0
×
00
0
0
0
1
ON OFF OFF OFF ON OFF OFF In�ut = A�P�
OPA� as �uffe�
0
0
0
×
01
0
0
0
1
OFF OFF OFF OFF OFF OFF �1�D
ON
In�ut = VH1�
OPA� as �uffe�
0
0
0
×
10
0
0
0
1
OFF OFF OFF OFF OFF OFF �13D
ON
In�ut = VM�
OPA� as �uffe�
0
0
0
×
11
0
0
0
1
OFF OFF OFF OFF OFF OFF �14D
ON
In�ut = VL1�
OPA� as �uffe�
OPA2&I/Ostatusdescription:
ThefollowingtableillustratestheOPA2&I/Osettings.
A2EN PGAEN A2NS A2PS
Description
0
×
×
×
PA5 and PA� and PA7 a�e I/Os
1
0
0
0
PA5 and PA� a�e I/Os. PA7 is OPA� A�E out�ut
1
0
0
1
PA� is I/O. PA5 is OPA� A�P in�ut� PA7 is OPA� A�E out�ut
1
0
1
0
PA5 is I/O. PA� is OPA� A�N in�ut� PA7 is OPA� A�E out�ut
1
0
1
1
PA5 is OPA� A�P in�ut and PA� is OPA� A�N in�ut� PA7 is OPA� A�E out�ut
1
1
0
0
PA5 is I/O. PA� is OPA� A�N in�ut� PA7 is OPA� A�E out�ut
1
1
0
1
PA5 is OPA� A�P in�ut and PA� is OPA� A�N in�ut� PA7 is OPA� A�E out�ut
1
1
1
0
PA5 is I/O. PA6 is OPA2 A2N input and bypass R1 (10kΩ), PA7 is OPA2 A2E out�ut
1
1
1
1
PA5 is OPA2 A2P input and PA6 is OPA2 A2N input and bypass R1 (10kΩ), PA7
is OPA� A�E out�ut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com