Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
Rev. 0.00
70
�e�te��e� ��� �01�
Rev. 0.00
71
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Comparator
Twoanalogcomparatorsarecontainedwithinthisdevice.Thesefunctionsofferflexibilityviatheir
registercontrolledfeaturessuchaspower-down,interruptetc.InsharingtheirpinswithnormalI/
Opins,thecomparatorsdonotwastepreciousI/Opinsiftherefunctionsareotherwiseunused.In
addition,thedeviceprovidesthecalibrationfunctiontoadjustthecomparatoroffset.
Comparator Operation
Thedevicecontainstwocomparatorfunctionswhichareusedtocomparetwoanalogvoltages
andprovideanoutputbasedontheirdifference.Fullcontroloverthetwointernalcomparators
isprovidedviacontrolregisters,CMP1C0,CMP1C1,CMP2C0andCMP2C1.Thecomparator
outputisrecordedviaabitintheirrespectivecontrolregister,butcanalsobetransferredoutontoa
sharedI/Opinortogenerateaninterrupttriggerwithedgecontrolfunction.Additionalcomparator
functionsincludethepowerdowncontrol.
Comparator Registers
Theinternaldualcomparatorsarefullyunderthecontrolofinternalregisters,CMP1C0,CMP1C1,
CMP2C0andCMP2C1.Theseregisterscontrolenable/disablefunction,inputpathselection,
interruptedgecontrolandinputoffsetvoltagecalibrationfunction.
CMP1C0 register
Bit
7
6
5
4
3
2
1
0
Na�e
CMP1OP C1OFM
C1R�
C1OF4
C1OF3
C1OF�
C1OF1
C1OF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit7
CMP1OP:Comparatoroutput;positivelogic.Thisbitisreadonly.
Bit6
C1OFM:Comparatormodeorinputoffsetvoltagecancellationmode
0:Comparatormode
1:Inputoffsetvoltagecancellationmode
WhentheC1OFM=1,comparatorinputsarealwaysfromI/Opins.i.e.theCNPSEL
andC1NSELwillbeforcedto“1”.ThatmeansdisconnecttheinputfromOPAs
output.
Bit5
C1RS:Comparatorinputoffsetvoltagecancellationreferenceselectionbit
0:SelectC1Nasthereferenceinput
1:SelectCNPasthereferenceinput
Bit4~0
C1OF4~C1OF0:Comparatorinputoffsetvoltagecancellationcontrolbits
CMP1C1 register
Bit
7
6
5
4
3
2
1
0
Na�e
CNP�EL
—
—
—
C1INTEN C1OUTEN C1N�EL CMP1EN
R/W
R/W
—
—
—
R/W
R/W
R/W
R/W
POR
1
—
—
—
0
0
1
0
Bit7
CNPSEL:Comparatornon-invertinginputcontrolbit
0:FromOPAoutput
1:FromCNPpin
Bit6~4
Unimplemented,readas“0”
Bit3
C1INTEN:Comparator1interruptcontrolbit
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com