Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Rev. 0.00
�8
�e�te��e� ��� �01�
Rev. 0.00
�9
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
OPA1&I/Ostatusdescription:
ThefollowingtableillustratestheOPA1&I/Osettings.
A1EN
A1NS
A1PS
Description
0
×
×
PA� and PA3 and PA4 a�e I/Os
1
0
0
PA� and PA3 a�e I/Os� PA4 is OPA1 A1E out�ut
1
0
1
PA3 is I/O. PA� is OPA1 A1P in�ut� PA4 is OPA1 A1E out�ut
1
1
0
PA� is I/O. PA3 is OPA1 A1N in�ut� PA4 is OPA1 A1E out�ut
1
1
1
PA� is OPA1 A1P in�ut and PA3 is OPA1 A1N in�ut� PA4 is OPA1
A1E out�ut
OPA2 Switch Control
ThefollowingdiagramandtableillustratetheOPA2switchcontrolsettingandthecorresponding
connections.Notethatsomeswitchcontrolselectionswillforcesomeswitchestobecontrolledby
hardwareautomatically.
Forexample:
• ThePGAEN=1willforceS6D,S7DtocloseandthePGAEN=0willforceS6D,S7Dtoopen.
• WhentheA2EN=0,theseswitches,S6D,S7DandS9D,areopenedbyhardware,thentherelated
I/Opinscanbeusedastheotherfunctions.
OPA2
A2E
A2N
A2P
S1D
A2OP
A2OEN
CMP1
CMP2
VL1
VM
VH1
A2O2CIN
A2O2N
A1O2A2N
OPA1
10K
S2D
560K
S6D
S7D
S8D
S9D
S10D
S11D
A2NS
A2PS
S12D
S13D
S14D
A2RS
A2OFM
S1D S2D S3D
0
0
ON
ON OFF
0
1
OFF
ON
ON
1
0
ON
ON OFF
1
1
ON
OFF ON
S3D
S4D
S5D
A1O2A2P
Switch priority : S4D > S11D > (S12D, S13D, S14D); If A2PS=1, S11D~S14D will be opened by hardware.
Switch priority : S5D > S8D; If A2NS=1, S8D will be opened by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com