Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
Rev. 0.00
10
�e�te��e� ��� �01�
Rev. 0.00
11
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Pin Name
Function
OPT
I/T
O/T
Description
PC5/C1N
PC5
PCPU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u�
C1N
CMP1C1
CMPI
—
Co��a�ato� 1 inve�ting in�ut �in
PC�/C�P
PC�
PCPU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u�
C�P
CMP�C1
CMPI
—
Co��a�ato� � non-inve�ting in�ut �in
VDD
VDD
—
PWR
—
Powe� su��ly
V��
V��
—
PWR
—
G�ound
Note:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
NMOS:NMOSoutput
HXT:Highfrequencycrystaloscillator
OPAI:OperationalAmplifierinput
OPAO:OperationalAmplifieroutput
CMPI:Comparatorinput
CMPO:Comparatoroutput
AsthePinDescriptionSummarytableappliestothepackagetypewiththemostpins,notalloftheabove
listedpinsmaybepresentonpackagetypeswithsmallernumbersofpins.
Absolute Maximum Ratings
SupplyVoltage..........................................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage............................................................................................................................VSS-0.3VtoVDD+0.3V
IOLTotal.............................................................100mA
TotalPowerDissipation....................................500mV
StorageTemperature.......................... -50°Cto150°C
OperatingTemperature...................... -40°Cto150°C
IOHTotal........................................................... -100mA
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com