Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
Rev. 0.00
�8
�e�te��e� ��� �01�
Rev. 0.00
�9
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Bit1
AC:Auxiliaryflag
0:Noauxiliarycarry
1:Anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrow
fromthehighnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:Nocarry-out
1:Anoperationresultsinacarryduringanadditionoperationorifaborrowdoes
nottakeplaceduringasubtractionoperation
Cisalsoaffectedbyarotatethroughcarryinstruction.
System Control Register – CTRL
Thisregisterisusedtoprovidecontrolovervariousinternalfunctions.Someoftheseincludethe
certainsystemclockoptions,theLVRcontrol,WatchdogTimerfunction.
CTRL Register
Bit
7
6
5
4
3
2
1
0
Na�e
F�Y�ON
—
—
—
—
LVRF
LRF
WRF
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
x
0
0
"x" unknown
Bit7
FSYSON:fSYSControlinIDLEMode
0:Disable
1:Enable
Bit6~3
Unimplemented,readas"0"
Bit2
LVRF:LVRfunctionresetflag
0:Notoccur
1:Occurred
Thisbitissetto1whenaspecificLowVoltageResetsituationconditionoccurs.This
bitcanonlybeclearedto0bytheapplicationprogram.
bit1
LRF:LVRControlregistersoftwareresetflag
0:Notoccur
1:Occurred
Thisbitissetto1iftheLVRCregistercontainsanynondefinedLVRvoltageregister
values.Thisineffectactslikeasoftware-resetfunction.Thisbitcanonlybeclearedto
0bytheapplicationprogram.
bit0
WRF:WDTControlregistersoftwareresetflag
0:Notoccur
1:Occurred
Thisbitissetto1bytheWDTControlregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplication
program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com