Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
Rev. 0.00
��
�e�te��e� ��� �01�
Rev. 0.00
�3
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
LDO function
ThedevicecontainsalowpowervoltageregulatorimplementedinCMOStechnology.UsingCMOS
technologyensureslowvoltagedropandlowquiescentcurrent.Therearetwofixedoutputvoltages
of2.4Vand3.3V,whichcanbecontrolledbyaspecificregister.TheinternalLDOoutputcombined
withvariousoptionsbyregistercanprovideafixedvoltagefortheOPAreferencevoltage,andasa
fixedpowersupplyforexternaldevice.
LDOC register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
R�EL
VLOE
REN1
VRE�
V�EL
LDOEN
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5
RSEL:SelectresistorforRTOTAL
0:total500kΩ
1:total200kΩ
Bit4
VLOE:LDOoutputvoltagecontrolbit
0:Disable
1:Enable
IftheVLOEandLDOENaresetto“1”,theLDOwilloutput2.4Vor3.3Vtopinand
disableI/Ofunction.
Bit3
REN1:Biasvoltagedividedresistorcontrolbit
0:Disable
1:Enable
IftheREN1issetto“1”,thatwillturnontheresistorDCpath,whichwillgenerate
biasvoltageforOPAs.
Bit2
VRES:Dividedresistorvoltagesupplyselectionbit
0:VDD
1:VLDO
Bit1
VSEL:LDOoutputvoltageselectionbit
0:2.4V
1:3.3V
Bit0
LDOEN:LDOcontrolbit
0:Disable
1:Enable
Note:1.Thetotalresistanceofthedividedresistor,500kΩor200kΩ,canbeselectedbytheRSEL
flag.
2.TodisabletheLDOfunctionwillturnofftheBUF1aswell,nomattertheLDOoutput
voltagecontrolbit,VLOE,isenabledornot.
3.IftheLDOisdisabled,LDOEN=0,thentheSW4willbeturnedtoVDD,nomatterVRES
flagis“1”ornot.
ThefollowingblockdiagramillustratesthefunctionalstructureforLDOanddividedresister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com