Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
Rev. 0.00
5�
�e�te��e� ��� �01�
Rev. 0.00
57
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Timer Control Register – TMRC
TheflexiblefeaturesoftheHoltekmicrocontrollerTimer/EventCounterenablesittooperateinfour
differentmodes,theoptionsofwhicharedeterminedbythecontentsofitscontrolregister.
ItistheTimerControlRegistertogetherwithitscorrespondingtimerregistercontrolsthefull
operationoftheTimer/EventCounter.Beforethetimercanbeused,itisessentialthatthe
appropriateTimerControlRegisterisfullyprogrammedwiththerightdatatoensureitscorrect
operation,aprocessthatisnormallycarriedoutduringprograminitialisation
Tochoosewhichofthefourmodesthetimeristooperatein,eitherinthetimermode,theexternal
eventcountingmode,theinternaleventcountermode,orthepulsewidthmeasurementmode,bits
7and6oftheTimerControlRegister,whichisknownasthebitpairTM1/TM0,mustbesetto
therequiredlogiclevels.Thetimer-onbit,whichisbit4oftheTimerControlRegisterandknown
asTON,providesthebasicon/offcontrolofthetimer.Settingthebithighallowsthecounter
torun,clearingthebitstopsthecounter.Forthetimerthathasprescaler,bits0~2oftheTimer
ControlRegisterdeterminethedivisionratiooftheinputclockprescaler.Theprescalerbitsettings
havenoeffectifanexternalclocksourceisused.Ifthetimerisintheeventcountorpulsewidth
measurementmode,theactivetransitionedgeleveltypeisselectedbythelogiclevelofbit3ofthe
TimerControlRegisterwhichisknownasTE.
TMRC Register
Bit
7
6
5
4
3
2
1
0
Na�e
TM1
TM0
—
TON
TE
TP�C�
TP�C1
TP�C0
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
POR
0
0
—
0
1
0
0
0
Bit7~6
TM1, TM0:Timeroperationmodeselection
00:Eventcountermode,theinputsignalisfromComparator1output
01:Eventcountermode,theinputsignalisfromTMRpin
10:Timermode
11:Pulsewidthcapturemode
Bit5
Unimplemented,readas“0”
Bit4
TON:Timer/eventcountercountingenable
0:Disable
1:Enable
Bit3
TE:Eventcounteractiveedgeselection
1:Countonfallingedge
0:Countonrisingedge
PulseWidthCaptureactiveedgeselection
1:Startcountingonrisingedge,stoponfallingedge
0:Startcountingonfallingedge,stoponrisingedge
Bit2~0
TPSC2, TPSC1, TPSC0:Timerprescalerrateselection
Timerinternalclock
000:fSYS
001:fSYS/2
010:fSYS/4
011:fSYS/8
100:fSYS/16
101:fSYS/32
110:fSYS/64
111:fSYS/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com