Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Rev. 0.00
��
�e�te��e� ��� �01�
Rev. 0.00
�7
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Operational Amplifier Operation
Theadvantagesofmultipleswitchesandinputpathoptions,variousreferencevoltageselection,up
to8kindsofinternalsoftwaregaincontrol,offsetreferencevoltagecalibrationfunctionandpower
downcontrolforlowpowerconsumptionenhancetheflexibilityofthesetwoOPAstosuitawide
rangeofapplicationpossibilities.
ThefollowingblockdiagramillustratesthemainfunctionalblocksoftheOPAsandComparatorin
thisdevice.
A�
A�N
A�E
A1
A1N
A1P
VM
MUX
10K
5�0kΩ
A1N�
A1O�N
A�O�N
R1
R�
A1P�EL[1:0]
A1OP
C1
C�
A1P�
A1OEN
A�OP
A�OEN
A1E
A1O�A�N
A1O�A�P
A�P
A�N�
PGAEN
PGAEN
A�P�
A1O�CIN
A�O�CIN
C�OUTEN
C1OUTEN
CINTO
C1INTEN
C�INTEN
C1N�EL
C�P�EL
C1OUT
C�OUT
C1N
C�P
CNP
CNP�EL
CMP1OP
CMP�OP
Edge
�elect
CMPE�[1:0]
CMPINT
CINTO
MUX
VH
MUX
VL
VM
MUX
A�P�EL[1:0]
Operational Amplifier Functions
TheOPAsareconnectedtogetherinternallyinaspecificwayandtheoutputofOPAscanalsobe
connectedtotheinternalcomparatorsasshownintheblockdiagram.EachoftheOPAshasitsowncontrol
register,withthenameOPA1C0,OPA1C1,OPA2C0,OPA2C1andOPA2C2whichareusedtocontrolthe
enable/disablefunction,thecalibrationprocedureandtheprogrammablegainfunctionofOPA2.
EachoftheinternalOPAsallowsforacommonmodeadjustmentmethodofitsinputoffsetvoltage.
Thecalibrationstepsareasfollowing:
• SetA1OFM=1tosetuptheoffsetcancellationmode,hereS3Cisclosed.
• SetA1RStoselectwhichinputpinistobeusedasthereferencevoltage-S1CorS2Cisclosed
• AdjustA1OF0~A1OF4untiltheoutputstatuschanges
• SetA1OFM=0torestorethenormalOPAmode
• Repeatthesameprocedurefromsteps1to4forOPA2
A1 OP
A1 P
A1 OF 0~ A1 OF 4
A1 EN
S1 C
S2 C
S3 C
A1 N
A1 E
A1 RS
X
0
1
A1 OF M
0
1
0
S1 C
ON
OF F
ON
S2 C
ON
ON
OF F
S3 C
OF F
ON
ON
"X ": don' t c ar e
A1 OE N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com