Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
Rev. 0.00
7�
�e�te��e� ��� �01�
Rev. 0.00
73
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Comparator Functions
ThesestwocomparatorscanoperatetogetherwiththeOPAsorstandaloneasshowninthemain
functionalblocksoftheOPAsandComparators.
Eachoftheinternalcomparatorsallowsforacommonmodeadjustmentmethodofitsinputoffset
voltage.
Thecalibrationstepsareasfollowing:
• SetC1OFM=1tosetuptheoffsetcancellationmode,hereS3Aisclosed.
• SetC1RStoselectwhichinputpinistobeusedasthereferencevoltage-S1AorS2Aisclosed.
• AdjustC1OF0~C1OF4untiltheoutputstatuschanges.
• SetC1OFM=0torestorethenormalcomparatormode.
• Repeatthesameprocedurefromsteps1to4forcomparator2.
C1 N
C1 OU TE N
C1 OU T
CM P1
CN P
Ti me r/ Ev ent C oun te r
C1 RS
X
0
1
C1 OF M
0
1
1
S1 A
ON
OF F
ON
S2 A
ON
ON
OF F
S3 A
OF F
ON
ON
"X ": don' t ca re
S2 A
S1 A
S3 A
Thefollowingdiagramandtableillustratethecomparatorsswitchcontrolsettingandthe
correspondingconnections.Notethatsomeswitchcontrolselectionswillforcesomeswitchestobe
controlledbyhardwareautomatically.
Forexample:
• WhentheCMP1incalibrationmode,i.e.C1OFM=1,thentheSW1,SW3willbeforcedto
close.TheCNPSELandC1NSELbitswillbeset“1”byhardware,andthesetwobitswillbe
readoutas“1”.Aftertheoffsetvoltagecalibration,theCNPSELandC1NSELwillbebacktoits
originalvalue.
• WhentheCMP2incalibrationmode,i.e.C2OFM=1,thentheSW1,SW2willbeforcedto
close.
• TheCNPSELandC2PSELbitswillbeset“1”byhardware,andthesetwobitswillbereadout
as“1”.Aftertheoffsetvoltagecalibration,theCNPSELandC2PSELwillbebacktoitsoriginal
value.
• IftheCNPSEL=1,theA1O2CINandA2O2CINwillbeforcedto“0”,i.e.IftheSWIisclosed,
andthatwillforceS7CandS10Dtoopen.
• IftheCNPSEL=0andtheA1O2CIN=1,theA2O2CINwillbeforcedto“0”,i.e.IftheS7Cis
closed,andthatwillforceS10Dtoopen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com