Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
Rev. 0.00
��
�e�te��e� ��� �01�
Rev. 0.00
�3
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
thetimermodebitshavebeenproperlysetup.Settingthetimerenablebithightogetherwithamode
bitmodification,mayleadtoimpropertimeroperationifexecutedasasingletimercontrolregister
bytewriteinstruction.
WhentheTimer/Eventcounteroverflows,itscorrespondinginterruptrequestflagintheinterrupt
controlregisterwillbeset.Ifthetimerinterruptisenabledthiswillinturngenerateaninterrupt
signal.Howeverirrespectiveofwhethertheinterruptsareenabledornot,aTimer/Eventcounter
overflowwillalsogenerateawake-upsignalifthedeviceisinaPower-downcondition.This
situationmayoccuriftheTimer/EventCounterisintheEventCountingModeandiftheexternal
signalcontinuestochangestate.Insuchacase,theTimer/EventCounterwillcontinuetocount
theseexternaleventsandifanoverflowoccursthedevicewillbewokenupfromitsPower-down
condition.Topreventsuchawake-upfromoccurring,thetimerinterruptrequestflagshouldfirstbe
sethighbeforeissuingtheHALTinstructiontoenterthePowerDownMode.
Timer Program Example
ThisprogramexampleshowshowtheTimer/EventCounterregisterissetup,alongwithhowthe
interruptisenabledandmanaged.NotehowtheTimer/EventCounteristurnedon,bysettingbit
4oftheTimerControlRegister.TheTimer/EventCountercanbeturnedoffinasimilarwayby
clearingthesamebit.ThisexampleprogramsetstheTimer/EventCountertobeinthetimermode,
whichusestheinternalsystemclockastheclocksource.
org 04h
; external interrupt vector
org 0ch
; Timer/Event Counter interrupt vector
jmp tmrint
; jump here when the Timer/Event Counter overflows
:
org 20h
; main program
; internal Timer/Event Counter interrupt routine
:
tmrint:
; Timer/Event Counter main program placed here
:
reti:
:
begin:
; setup Timer registers
mov a,09bh
; setup Timer preload value
mov tmr,a
mov a,081h
; setup Timer control register
mov tmrc,a
; timer mode and prescaler set to /2
; setup interrupt register
mov a,009h
; enable master interrupt and timer interrupt
mov intc0,a
set tmrc.4
; start Timer/Event Counter - note mode bits must be previously setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com