Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
Rev. 0.00
14
�e�te��e� ��� �01�
Rev. 0.00
15
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
LDO 2.4V Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDIN
�u��ly Voltage
─
─
3.0
3.3
3.�
V
VDDOUT
Out�ut Voltage
─
─
-5%
�.4
+5%
V
IDD
Cu��ent Consu��tion
─
Afte� sta�tu�� no load
─
30
─
μA
LDO 3.3V Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDDIN
�u��ly Voltage
─
─
4.5
5
5.5
V
VDDOUT
Out�ut Voltage
─
─
-5%
3.3
+5%
V
IDD
Cu��ent Consu��tion
─
Afte� sta�tu�� no load
─
50
─
μA
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD �ta�t Voltage to Ensu�e
Powe�-on Reset
—
—
—
—
100
�V
RRVDD
VDD Raising Rate to Ensu�e
Powe�-on Reset
—
—
0.035
—
—
V/�s
tPOR
Mini�u� Ti�e fo� VDD �tays at
VPOR to ensu�e Powe�-on Reset
—
—
1
─
─
�s
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com