Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
Rev. 0.00
34
�e�te��e� ��� �01�
Rev. 0.00
35
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Selectingwhethertheloworhighspeedoscillatorisusedasthesystemoscillatorisimplemented
usingtheHLCLKbitandLCKS2~LCKS0bitsintheSYSMODregisterandasthesystemclock
canbedynamicallyselected.Theactualsourceclockusedforeachofthehighspeedandlowspeed
oscillatorsischosenviaconfigurationoptions.Thefrequencyoftheslowspeedorhighspeed
systemclockisalsodeterminedusingtheHLCLKbitandLCKS2~LCKS0bitsintheSYSMOD
register.Notethattwooscillatorselectionsmustbemadenamelyonehighspeedandonelowspeed
systemoscillators.Itisnotpossibletochooseano-oscillatorselectionforeitherthehighorlow
speedoscillator.
External Crystal/Ceramic Oscillator – HXT
TheExternalCrystal/CeramicSystemOscillatorisoneofthehighfrequencyoscillatorchoices,
whichisselectedviaconfigurationoption.Formostcrystaloscillatorconfigurations,thesimple
connectionofacrystalacrossOSC1andOSC2willcreatethenecessaryphaseshiftandfeedbackfor
oscillation,withoutrequiringexternalcapacitors.However,forsomecrystaltypesandfrequencies,
toensureoscillation,itmaybenecessarytoaddtwosmallvaluecapacitors,C1andC2.Usinga
ceramicresonatorwillusuallyrequiretwosmallvaluecapacitors,C1andC2,tobeconnectedas
shownforoscillationtooccur.ThevaluesofC1andC2shouldbeselectedinconsultationwiththe
crystalorresonatormanufacturer’sspecification.
OS C1
OS C2
Rf
To i nt er nal
ci rc ui ts
In te rn al
O sci lla to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp i s nor ma lly not r equi r ed. C 1 and C2 a re r equ ir ed.
2. A lt hough not s how n OS C1 /O SC 2 pi ns h av e a pa ra si ti c
c apac it an ce o f a r ound 7pF .
Crystal/Resonator Oscillator – HXT
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0�F
0�F
8MHz
0�F
0�F
4MHz
0�F
0�F
1MHz
100�F
100�F
Note: C1 and C� values a�e fo� guidance only.
Crystal Recommended Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com