Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
Rev. 0.00
78
�e�te��e� ��� �01�
Rev. 0.00
79
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
MFIC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
E�F
CF
—
—
E�I
ECI
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit7~6
Unimplemented,readas“0”
Bit5
E2F:EEPROMinterruptrequestflag
0:Inactive
1:Active
Bit4
CF:Comparatorinterruptrequestflag
0:Inactive
1:Active
Bit3~2
Unimplemented,readas“0”
Bit1
E2I:EEPROMinterruptenable
0:Disable
1:Enable
Bit0
ECI:Comparatorinterruptenable
0:Disable
1:Enable
External Interrupt
TheexternalinterruptsarecontrolledbysignaltransitionsonthepinsINT0~INT1.Anexternal
interruptrequestwilltakeplacewhentheexternalinterruptrequestflags,EIF0~EIF1,areset,which
willoccurwhenatransition,whosetypeischosenbytheedgeselectbits,appearsontheexternal
interruptpins.Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobal
interruptenablebit,EMI,andrespectiveexternalinterruptenablebit,EEI0~EEI1,mustfirstbe
set.AdditionallythecorrectinterruptedgetypemustbeselectedusingtheINTEDGEregisterto
enabletheexternalinterruptfunctionandtochoosethetriggeredgetype.Astheexternalinterrupt
pinsarepin-sharedwithI/Opins,theycanonlybeconfiguredasexternalinterruptpinsiftheir
externalinterruptenablebitinthecorrespondinginterruptregisterhasbeenset.Thepinmustalso
besetupasaninputbysettingthecorrespondingbitintheportcontrolregister.Whentheinterrupt
isenabled,thestackisnotfullandthecorrecttransitiontypeappearsontheexternalinterruptpin,
asubroutinecalltotheexternalinterruptvector,willtakeplace.Whentheinterruptisserviced,
theexternalinterruptrequestflags,EIF0~EIF1,willbeautomaticallyresetandtheEMIbitwillbe
automaticallyclearedtodisableotherinterrupts.Notethatanypull-highresistorselectionsonthe
externalinterruptpinswillremainvalidevenifthepinisusedasanexternalinterruptinput.
TheINTEDGEregisterisusedtoselectthetypeofactiveedgethatwilltriggertheexternal
interrupt.Achoiceofeitherrisingorfallingorbothedgetypescanbechosentotriggeranexternal
interrupt.NotethattheINTEDGEregistercanalsobeusedtodisabletheexternalinterruptfunction.
F ilt er O n/ Of f
Co nf ig ur at io n Op ti on
IN T1
F ilt er
IN T0
F ilt er
Ex te rn al I NT .0
Ex te rn al I NT .1
MC U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com