| Electronic Components Datasheet Search |
|
HT45F12 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F12 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc |
|
74 / 104 page ![]() Rev. 0.00 74 �e�te��e� ��� �01� Rev. 0.00 75 �e�te��e� ��� �01� HT45F12 8-Bit Flash MCU with Op Amps & Comparators HT45F12 8-Bit Flash MCU with Op Amps & Comparators CMP1&I/Ostatusdescription: ThefollowingtableillustratestheCMP1&I/Osettings. CMP1EN C1OUTEN CNPSEL C1NSEL Description 0 × × × PC5 and PA0 and PA1 a�e I/Os 1 0 0 0 CNP is f�o� OPA1 o� OPA� out�ut� C1N is f�o� VH0 in�ut� PA1 is I/O 1 0 0 1 CNP is f�o� OPA1 o� OPA� out�ut� C1N is f�o� PC5 in�ut� PA1 is I/O 1 0 1 0 CNP is f�o� PA0 in�ut� C1N is f�o� VH0 in�ut� PA1 is I/O 1 0 1 1 CNP is f�o� PA0 in�ut� C1N is f�o� PC5 in�ut� PA1 is I/O 1 1 0 0 CNP is f�o� OPA1 o� OPA� out�ut� C1N is f�o� VH0 in�ut� PA1 is co��a�ato� out�ut 1 1 0 1 CNP is f�o� OPA1 o� OPA� out�ut� C1N is f�o� PC5 in�ut� PA1 is co��a�ato� out�ut 1 1 1 0 CNP is f�o� PA0 in�ut� C1N is f�o� VH0 in�ut� PA1 is co��a�ato� out�ut 1 1 1 1 CNP is f�o� PA0 in�ut� C1N is f�o� PC5 in�ut� PA1 is co��a�ato� out�ut CMP2&I/Ostatusdescription: ThefollowingtableillustratestheCMP2&I/Osettings. CMP2EN C2OUTEN CNPSEL C2PSEL Description 0 × × × PC� and PA0 and PA� a�e I/Os 1 0 0 0 CNP is f�o� OPA1 o� OPA� out�ut� C�P is f�o� VL0 in�ut� PA� is I/O 1 0 0 1 CNP is f�o� OPA1 o� OPA� out�ut� C�P is f�o� PC� in�ut� PA� is I/O 1 0 1 0 CNP is f�o� PA0 in�ut� C�P is f�o� VL0 in�ut� PA� is I/O 1 0 1 1 CNP is f�o� PA0 in�ut� C�P is f�o� PC� in�ut� PA� is I/O 1 1 0 0 CNP is f�o� OPA1 o� OPA� out�ut� C�P is f�o� VL0 in�ut� PA� is co��a�ato� out�ut 1 1 0 1 CNP is f�o� OPA1 o� OPA� out�ut� C�P is f�o� PC� in�ut� PA� is co��a�ato� out�ut 1 1 1 0 CNP is f�o� PA0 in�ut� C�P is f�o� VL0 in�ut� PA� is co��a�ato� out�ut 1 1 1 1 CNP is f�o� PA0 in�ut� C�P is f�o� PC� in�ut� PA� is co��a�ato� out�ut |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |