Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
Rev. 0.00
54
�e�te��e� ��� �01�
Rev. 0.00
55
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
MISC Register
Bit
7
6
5
4
3
2
1
0
Na�e
ODE3
ODE�
ODE1
ODE0
—
—
—
PFDEN
R/W
R/W
R/W
R/W
R/W
—
—
—
R/W
POR
0
0
0
0
—
—
—
0
Bit7
ODE3:PB3OpenDrainControl
0:Disable
1:Enable
Bit6
ODE2:PB2OpenDrainControl
0:Disable
1:Enable
Bit5
ODE1:PB1OpenDrainControl
0:Disable
1:Enable
Bit4
ODE0:PB0OpenDrainControl
0:Disable
1:Enable
Bit3~1
Unimplemented,readas“0”
Bit0
PFDEN:PFDrelatedcontrol-describedelsewhere
I/O Pin Structures
TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As
theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa
guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared
structuresdoesnotpermitalltypestobeshown.
V DD
M
U
X
M
U
X
BZ EN , PF DE N
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l R egi st er
Ch ip R es et
Re ad C on tr ol R egi st er
Wr it e Da ta R eg is te r
Da ta B it
D
Q
CK
S
Q
D
Q
CK
S
Q
PA 0~ PA 7
PB 0~ PB 3, P B6
PC 0~ PC 1, P C4 ~P C6
IN T0 f or P A3 o nl y
IN T1 f or P B0 o nl y
TM R fo r PA1 o nl y
S yst em W ak e- up ( PA 0~ PA 7)
Re ad D at a R egi st er
PA 7/ PA6 / PA5 /P C5 /P C6
BZ /B Z/ PF D
Wa ke - up R egi st er
Pu ll -H ig h
Op ti on
PB0 ~P B3 O p en Dr ai n Op ti on
Generic Input/Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com