Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
Rev. 0.00
�4
�e�te��e� ��� �01�
Rev. 0.00
�5
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
LDO (�.4V/3.3V)
V�EL
VDD
LDOEN
OUT
REN1
VLDOX
VH1 (0.9*VLDOX)
VH0 ([0.5+1/1�]*VLDOX)
VM (0.5*VLDOX)
VL0 ([0.5-1/1�]*VLDOX)
VL1 (0.1*VLDOX)
VLOE
VLOE
BUF1
�W4
�W5
LDO (�.4V/3.3V)� �ust �e
connected f�o� the �in
RTOTAL = 500kΩ o� �00kΩ
VCAP/PC4
Operational Amplifiers
TherearetwofullyintegratedOperationalAmplifiersinthedevice,OPA1andOPA2.TheseOPAs
canbeusedforsignalamplificationaccordingtospecificuserrequirements.TheOPAscanbe
disabledorenabledentirelyundersoftwarecontrolusinginternalregisters.Withspecificcontrol
registers,someOPArelatedapplicationscanbemoreflexibleandeasiertobeimplemented,suchas
UnitGainBuffer,Non-InvertingAmplifier,InvertingAmplifierandvariouskindsoffilters,etc.In
addition,thedeviceprovidesthecalibrationfunctiontoadjusttheOPAoffset.
Operational Amplifier Registers
TheinternalOperationalAmplifiersarefullyunderthecontrolofinternalregisters,OPA1C0,
OPA1C1,OPA2C0,OPA2C1andOPA2C2.Theseregisterscontrolenable/disablefunction,input
pathselection,gaincontrol,polarityandcalibrationfunction.
OPA1C0 register
Bit
7
6
5
4
3
2
1
0
Na�e
A1OP
A1OFM
A1R�
A1OF4
A1OF3
A1OF�
A1OF1
A1OF0
R/W
R
R/W
R/W
R
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit7
A1OP:Operationalamplifieroutput;positivelogic.Thisbitisreadonly.
Bit6
A1OFM:Operationalamplifiermodeorinputoffsetvoltagecancellationmode
0:Operationalamplifiermode
1:Inputoffsetvoltagecancellationmode
Bit5
A1RS:Operationalamplifierinputoffsetvoltagecancellationreferenceselectionbit
0:SelectA1Nasthereferenceinput
1:SelectA1Pasthereferenceinput
Bit4~0
A1OF4~A1OF0:Operationalamplifierinputoffsetvoltagecancellationcontrolbits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com