Electronic Components Datasheet Search
  English  ▼

X  

HT45F12 Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 104Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
Rev. 0.00
10�
�e�te��e� ��� �01�
Rev. 0.00
103
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Carrier Tape Dimensions
P
D1
W
P1
P0
D
E
F
t
K0
B0
A0
C
IC p a ck age pi n 1 and t he r eel hol es
ar e lo ca te d on th e sa me s i de.
R eel H ol e
16-pin NSOP (150mil)
Symbol
Description
Dimensions in mm
W
Ca��ie� Ta�e Width
1�.0±0.3
P
Cavity Pitch
8.0±0.1
E
Pe�fo�ation Position
1.75±0.10
F
Cavity to Pe�fo�ation(Width Di�ection)
7.5±0.1
D
Pe�fo�ation Dia�ete�
1.55 +0.10/-0.00
D1
Cavity Hole Dia�ete�
1.50 +0.�5/-0.00
P0
Pe�fo�ation Pitch
4.0±0.1
P1
Cavity to Pe�fo�ation(Length Di�ection)
�.0±0.1
A0
Cavity Length
�.5±0.1
B0
Cavity Width
10.3±0.1
K0
Cavity De�th
�.1±0.1
t
Ca��ie� Ta�e Thickness
0.30±0.05
C
Cove� Ta�e Width
13.3±0.1
20-pin SSOP (150mil)
Symbol
Description
Dimensions in mm
W
Ca��ie� Ta�e Width
1�.0 +0.3/-0.1
P
Cavity Pitch
8.0±0.1
E
Pe�fo�ation Position
1.75±0.10
F
Cavity to Pe�fo�ation(Width Di�ection)
7.50±0.10
D
Pe�fo�ation Dia�ete�
1.50 +0.10/-0.00
D1
Cavity Hole Dia�ete�
1.50 +0.�5/-0.00
P0
Pe�fo�ation Pitch
4.0±0.1
P1
Cavity to Pe�fo�ation(Length Di�ection)
�.0±0.1
A0
Cavity Length
�.5±0.1
B0
Cavity Width
9.0±0.1
K0
Cavity De�th
�.3±0.1
t
Ca��ie� Ta�e Thickness
0.30±0.05
C
Cove� Ta�e Width
13.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com