Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 31Page - Texas Instruments TAS5548 Datasheet HTML 32Page - Texas Instruments TAS5548 Datasheet HTML 33Page - Texas Instruments TAS5548 Datasheet HTML 34Page - Texas Instruments TAS5548 Datasheet HTML 35Page - Texas Instruments TAS5548 Datasheet HTML 36Page - Texas Instruments TAS5548 Datasheet HTML 37Page - Texas Instruments TAS5548 Datasheet HTML 38Page - Texas Instruments TAS5548 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
5
TAS5548 Controls and Status
The TAS5548 provides control and status information from both the I2C registers and device pins.
This section describes some of these controls and status functions. The I2C summary and detailed
register descriptions are contained in Section 10 and Section 11.
5.1
I
2C Status Registers
The TAS5548 has two status registers that provide general device information. These are the general
status register 0 (0x01) and the error status register (0x02).
5.1.1
General Status Register (0x01)
•
Device identification code
5.1.2
Error Status Register (0x02)
•
No internal errors (the valid signal is high)
•
Audio Clip indicator. Writing to the register clears the indicator.
•
This error status register is normally used for system development only.
5.2
TAS5548 Pin Controls
The TAS5548 provide a number of terminal controls to manage the device operation. These controls are:
•
RESET
•
PDN
•
BKND_ERR
•
HP_SEL
•
MUTE
•
PSVC
•
EMO1 (see System Power Contoller section)
•
EMO2 (see System Power Contoller section)
5.2.1
Reset (RESET)
The TAS5548 is placed in the reset mode either by the power-up reset circuitry when power is applied, or
by setting the RESET terminal low.
RESET is an asynchronous control signal that restores the TAS5548 to the hard-mute state (Non PWM
Switching). Master volume is immediately set to full attenuation (there is no ramp down). Reset initiates
the device reset without an MCLK input. As long as the RESET terminal is held low, the device is in the
reset state. During reset, all I2C and serial data bus operations are ignored.
Table 5-1 shows the device output signals while RESET is active.
Table 5-1. Device Outputs During Reset
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
Low (Non PWM Switching)
PWM M-outputs
Low (Non PWM Switching)
SDA
Signal input (not driven)
Copyright © 2012, Texas Instruments Incorporated
TAS5548 Controls and Status
35
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com