Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 33Page - Texas Instruments TAS5548 Datasheet HTML 34Page - Texas Instruments TAS5548 Datasheet HTML 35Page - Texas Instruments TAS5548 Datasheet HTML 36Page - Texas Instruments TAS5548 Datasheet HTML 37Page - Texas Instruments TAS5548 Datasheet HTML 38Page - Texas Instruments TAS5548 Datasheet HTML 39Page - Texas Instruments TAS5548 Datasheet HTML 40Page - Texas Instruments TAS5548 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
After the initialization time, the TAS5548 starts the transition to the operational state with the master
volume set at mute.
Because the TAS5548 has an internal oscillator time base, following the release of reset, oscillator trim
command is needed so the TAS5548 can detect the MCLK and data rate and perform the initialization
sequences. The PWM outputs are held at a mute state until the master volume is set to a value other than
mute via I2C.
5.2.2
Power Down (PDN)
The TAS5548 can be placed into the power-down mode by holding the PDN terminal low. When the
power-down mode is entered, both the PLL and the oscillator are shut down. Volume is immediately set to
full attenuation (there is no ramp down). This control uses the PWM mute sequence that provides a low
click and pop transition to a non PWM switching mute state.
Power down is an asynchronous operation that does not require MCLK to go into the power-down state.
To initiate the power-up sequence requires MCLK to be operational and the TAS5548 to receive five
MCLKs prior to the release of PDN.
As long as the PDN pin is held low, the device is in the power-down state with the PWM outputs not
switching. During power down, all I2C and serial data bus operations are ignored. Table 5-3 shows the
device output signals while PDN is active.
Table 5-3. Device Outputs During Power Down
SIGNAL
SIGNAL STATE
VALID
Low
PWM P-outputs
Not Switching = Low
PWM M-outputs
Not Switching = Low
SDA
Inputs Ignored
PSVC
Low
Following the application of PDN, the TAS5548 does not perform a quiet shutdown to prevent clicks and
pops produced during the application (the leading edge) of this command. The application of PDN
immediately performs a PWM stop. A quiet stop sequence can be performed by first applying MUTE
before PDN.
When PDN is released, the system goes to the end state specified by the MUTE and BKND_ERR pins
and the I2C register settings.
Copyright © 2012, Texas Instruments Incorporated
TAS5548 Controls and Status
37
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com