Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 6Page - Texas Instruments TAS5548 Datasheet HTML 7Page - Texas Instruments TAS5548 Datasheet HTML 8Page - Texas Instruments TAS5548 Datasheet HTML 9Page - Texas Instruments TAS5548 Datasheet HTML 10Page - Texas Instruments TAS5548 Datasheet HTML 11Page - Texas Instruments TAS5548 Datasheet HTML 12Page - Texas Instruments TAS5548 Datasheet HTML 13Page - Texas Instruments TAS5548 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
2.4.7.1
TAS5548 Audio-Processing Configurations
The 32-kHz to 96-kHz configuration supports eight channels of data processing that can be configured
either as eight channels, or as six channels with two channels for separate stereo line outputs. All data is
SRC'd to 96kHz in this mode, and processed in the DAP at 96kHz.
The 176.4-kHz to 192-kHz configuration supports four channels of signal processing with two channels
passed through (or derived from the three processed channels).
To support efficiently the processing requirements of both multichannel 32-kHz to 96-kHz data and the 6-
channel 176.4-kHz and 192-kHz data, the TAS5548 has separate audio-processing features for 32-kHz to
96-kHz data rates and for 176.4 kHz and 192 kHz. See Table 2-2 for a summary of TAS5548 processing
feature sets.
10
Description
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com