Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 82Page - Texas Instruments TAS5548 Datasheet HTML 83Page - Texas Instruments TAS5548 Datasheet HTML 84Page - Texas Instruments TAS5548 Datasheet HTML 85Page - Texas Instruments TAS5548 Datasheet HTML 86Page - Texas Instruments TAS5548 Datasheet HTML 87Page - Texas Instruments TAS5548 Datasheet HTML 88Page - Texas Instruments TAS5548 Datasheet HTML 89Page - Texas Instruments TAS5548 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
Table 11-17. Individual Channel Shutdown Register (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
0
–
–
–
–
–
Bring Channel 6 out of shutdown
–
–
–
1
–
–
–
–
Keep channel 5 in shutdown
–
–
–
0
–
–
–
–
Bring Channel 5 out of shutdown
–
–
–
–
1
–
–
–
Keep channel 4 in shutdown
–
–
–
–
0
–
–
–
Bring Channel 4 out of shutdown
–
–
–
–
–
1
–
–
Keep channel 3 in shutdown
–
–
–
–
–
0
–
–
Bring Channel 3 out of shutdown
–
–
–
–
–
–
1
–
Keep channel 2 in shutdown
–
–
–
–
–
–
0
–
Bring Channel 2 out of shutdown
–
–
–
–
–
–
–
1
Keep channel 1 in shutdown
–
–
–
–
–
–
–
0
Bring Channel 1 out of shutdown
Individual channel shutdown register should be written prior to bringing system out of shutdown using reg
0x03 (Exit Shutdown).
11.17 Input Mux Registers (0x30, 0x31, 0x32, 0x33)
Table 11-18. Input Mux Registers Format
Register Address
Default Value
D7
D6
D5
D4
D3
D2
D1
D0
x30
00000001
BD/AD
Input Mux select for channel 1
BD/AD
Input Mux select for channel 2
mode ch 1
mode ch 2
x31
00100011
BD/AD
Input Mux select for channel 3
BD/AD
Input Mux select for channel 4
mode ch 3
mode ch 4
x32
01000101
BD/AD
Input Mux select for channel 5
BD/AD
Input Mux select for channel 6
mode ch 5
mode ch 6
x33
01100111
BD/AD
Input Mux select for channel 7
BD/AD
Input Mux select for channel 8
mode ch 7
mode ch 8
Table 11-19. Input Mux Registers Format
D6/D2
D5/D1
D4/D0
FUNCTION
0
0
0
Select channel 1
0
0
1
Select channel 2
0
1
0
Select channel 3
0
1
1
Select channel 4
1
0
0
Select channel 5
1
0
1
Select channel 6
1
1
0
Select channel 7
1
1
1
Select channel 8
11.18 PWM Mux Registers (0x34, 0x35, 0x36, 0x37)
Table 11-20. PWM Mux Registers Format
Register Address
Default Value
D7
D6
D5
D4
D3
D2
D1
D0
x34
00000001
unused
PWM Mux select for channel 1
unused
PWM Mux select for channel 2
x35
00100011
unused
PWM Mux select for channel 3
unused
PWM Mux select for channel 4
x36
01000101
unused
PWM Mux select for channel 5
unused
PWM Mux select for channel 6
x37
01100111
unused
PWM Mux select for channel 7
unused
PWM Mux select for channel 8
86
Serial-Control Interface Register Definitions
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com