Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 81Page - Texas Instruments TAS5548 Datasheet HTML 82Page - Texas Instruments TAS5548 Datasheet HTML 83Page - Texas Instruments TAS5548 Datasheet HTML 84Page - Texas Instruments TAS5548 Datasheet HTML 85Page - Texas Instruments TAS5548 Datasheet HTML 86Page - Texas Instruments TAS5548 Datasheet HTML 87Page - Texas Instruments TAS5548 Datasheet HTML 88Page - Texas Instruments TAS5548 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
11.14 Special Low Z and Mid Z Ramp/Stop Period (0x24)
This is also the delay period for delayed start/stop with legacy LowZ sequences. If register 0x25 is
programmed for special LowZ sequence, the time above is the PWM ramp up period. If it is programmed
for MidZ, the time above is the PWM stop period.
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
0
0
–
–
–
No Ramp/Stop period
–
–
–
0
1
0
0
0
14.9 ms Ramp/Stop period
–
–
–
0
1
0
0
1
22.35 ms Ramp/Stop period
–
–
–
0
1
0
1
0
29.80 ms Ramp/Stop period
–
–
–
0
1
0
1
1
38.74 ms Ramp/Stop period
–
–
–
0
1
1
0
0
52.15 ms Ramp/Stop period
–
–
–
0
1
1
0
1
68.54 ms Ramp/Stop period
–
–
–
0
1
1
1
0
92.38 ms Ramp/Stop period
–
–
–
0
1
1
1
1
123.67 ms Ramp/Stop period
–
–
–
1
0
0
0
0
149 ms Ramp/Stop period
–
–
–
1
0
0
0
1
223.5 ms Ramp/Stop period
–
–
–
1
0
0
1
0
298 ms Ramp/Stop period
–
–
–
1
0
..
..
..
…
–
–
–
1
0
1
1
1
1236.7 ms Ramp/Stop period
–
–
–
1
1
0
0
0
1490 ms Ramp/Stop period
–
–
–
1
1
0
0
1
2235 ms Ramp/Stop period
–
–
–
1
1
0
1
0
2980 ms Ramp/Stop period
–
–
–
1
1
..
..
..
…
–
–
–
1
1
1
1
1
12367 ms Ramp/Stop period
11.15 PWM and EMO Control Register (0x25)
Table 11-16. PWM Config, Energy Manager Reporting Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
–
–
–
–
–
–
Use Legacy LowZ sequence for PWM start
1
0
–
–
–
–
–
–
Use special LowZ sequence for PWM start
1
1
–
–
–
–
–
–
Use MidZ sequence for external charge
0
–
–
–
–
–
Ternary modulation disable
1
–
–
–
–
–
Ternary modulation enable
0
–
–
–
–
Ternary High bias disable
1
–
–
–
–
Ternary High bias enable
0
–
–
–
Energy Manager LO threshold reporting disable
← default
1
–
–
–
Energy Manager LO threshold reporting enable
–
–
–
–
–
0
0
0
Reserved
← Default
11.16 Individual Channel Shutdown (0x27)
Table 11-17. Individual Channel Shutdown Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
–
–
–
–
–
–
–
Keep channel 8 in shutdown
0
–
–
–
–
–
–
–
Bring Channel 8 out of shutdown
–
1
–
–
–
–
–
–
Keep channel 7 in shutdown
–
0
–
–
–
–
–
–
Bring Channel 7 out of shutdown
–
–
1
–
–
–
–
–
Keep channel 6 in shutdown
Copyright © 2012, Texas Instruments Incorporated
Serial-Control Interface Register Definitions
85
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com