Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments TAS5548 Datasheet HTML 26Page - Texas Instruments TAS5548 Datasheet HTML 27Page - Texas Instruments TAS5548 Datasheet HTML 28Page - Texas Instruments TAS5548 Datasheet HTML 29Page - Texas Instruments TAS5548 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
7
Biquads
in
Series
Bass
and
Treble
DRC
Bass and Treble
Bypass
Bass
and
Treble
Inline
Pre-
Volume
Post-
Volume
DRC
Bypass
DRC
Inline
B0016-02
From Input Mixer
To Output Mixer
Loudness
Channel Volume
Master
Volume
Max
Volume
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
All of the TAS5548 default values for DRC can be used except for the DRC1 decay and DRC2 decay.
Table 3-5 shows the recommended time constants and their hex values. If the user wants to implement
other DRC functions, Texas Instruments recommends using the GUI available from Texas Instruments.
The tool allows the user to select the DRC transfer function graphically. It then outputs the TAS5548 hex
coefficients for download to the TAS5548.
Table 3-5. DRC Recommended Changes From TAS5548 Defaults
I2C
RECOMMENDED
RECOMMENDED
DEFAULT TIME
SUBADDRESS
REGISTER FIELDS
TIME
HEX VALUE
DEFAULT HEX
CONSTANT (ms)
CONSTANT (ms)
0x98
DRC1 energy
5
0000 883F
0000 883F
DRC1 (1 – energy)
007F 77C0
007F 77C0
0x9C
DRC1 attack
5
0000 883F
0000 883F
DRC1 (1 – attack)
007F 77C0
007F 77C0
DRC1 decay
2
0001 538F
0000 0056
DRC1 (1 – decay)
007E AC70
003F FFA8
0x9D
DRC2 energy
5
0000 883F
0000 883F
DRC2 (1 – energy)
007F 77C0
007F 77C0
0xA1
DRC2 attack
5
0000 883F
0000 883F
DRC2 (1 – attack)
007F 77C0
007F 77C0
DRC2 decay
2
0001 538F
0000 0056
DRC2 (1 – decay)
007E AC70
003F FFA8
Recommended DRC setup flow if the defaults are used:
•
After power up, load the recommended hex value for DRC1 and DRC2 decay and (1 – decay). See
Table 3-5.
•
Enable either the pre-volume or post-volume DRC using I2C registers 0x96 and 0x97. Note that to
avoid a potential timing problem, there is a 10-ms delay between a write to 0x96 and a write to 0x97.
Recommended DRC setup flow if the DRC design uses values different from the defaults:
•
After power up, load all DRC coefficients per the DRC design.
•
Enable either the pre-volume or post-volume DRC. Note that to avoid a potential timing problem, there
is a 10-ms delay between a write to 0x96 and a write to 0x97.
Figure 3-15 shows the positioning of the DRC block in the TAS5548 processing flow. As seen, the DRC
input can come either before or after soft volume control and loudness processing.
Figure 3-15. DRC Positioning in TAS5548 Processing Flow
26
TAS5548 DAP Architecture
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com