Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 72Page - Texas Instruments TAS5548 Datasheet HTML 73Page - Texas Instruments TAS5548 Datasheet HTML 74Page - Texas Instruments TAS5548 Datasheet HTML 75Page - Texas Instruments TAS5548 Datasheet HTML 76Page - Texas Instruments TAS5548 Datasheet HTML 77Page - Texas Instruments TAS5548 Datasheet HTML 78Page - Texas Instruments TAS5548 Datasheet HTML 79Page - Texas Instruments TAS5548 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
11.2 Error Status Register (0x02)
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software
must clear the register (write zeroes) and then read them to determine if there are any persistent errors.
Bits D7-D4 are reserved.
Table 11-2. Error Status Register (0x02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
1
–
–
–
Frame Slip
–
–
–
–
–
1
–
–
Clip Indicator
–
–
–
–
–
–
1
–
Faultz
0
0
0
0
0
0
0
0
No Errors
11.3 System Control Register 1 (0x03)
Bits D1 and D0 are Reserved.
Table 11-3. System Control Register-1 Format
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
–
–
–
–
–
–
–
PWM high pass disabled
1
–
–
–
–
–
–
–
PWM high pass enabled
–
1
–
–
–
–
–
–
PSVC HIZ Enable
–
0
–
–
–
–
–
–
PSVC HIZ Disable
–
–
0
–
–
–
–
–
Soft Unmute on Recovery from Clock Error
–
–
1
–
–
–
–
–
Hard Unmute on Recovery from Clock Error
–
–
–
0
–
–
–
–
All Channel enable
–
–
–
1
–
–
–
–
All Channel Shutdown
–
–
–
–
0
–
–
–
Enable Clock Auto Detect (Always set to 0 for correct operation)
–
–
–
–
1
–
–
–
Disable Clock Auto Detect
–
–
–
–
–
0
–
–
PWM MidZ Enable (No By-pass)
–
–
–
–
–
1
–
–
PWM MidZ Bypass
–
–
–
–
–
–
0
0
Reserved: Do not change B0 & B1 from 00.
–
–
–
–
–
–
0
1
Reserved:
–
–
–
–
–
–
1
0
Reserved:
–
–
–
–
–
–
1
1
Reserved:
76
Serial-Control Interface Register Definitions
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com