Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 36Page - Texas Instruments TAS5548 Datasheet HTML 37Page - Texas Instruments TAS5548 Datasheet HTML 38Page - Texas Instruments TAS5548 Datasheet HTML 39Page - Texas Instruments TAS5548 Datasheet HTML 40Page - Texas Instruments TAS5548 Datasheet HTML 41Page - Texas Instruments TAS5548 Datasheet HTML 42Page - Texas Instruments TAS5548 Datasheet HTML 43Page - Texas Instruments TAS5548 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
G003
Desired Gain − Linear
Digital Gain
Power-Supply Gain
0.00001
0.1
100
0.0001
0.01
10
100
1
0.001
0.1
1
10
0.0001
0.001
0.01
−60
−50
−40
−30
−20
−10
0
10
20
30
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
Desired Gain − dB
Digital Gain
Power-Supply Gain
G002
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
5.2.6
Power-Supply Volume Control (PSVC)
The TAS5548 supports volume control both by conventional digital gain/attenuation and by a combination
of digital and analog gain/attenuation. Varying the H-bridge power-supply voltage performs the analog
volume control function. The benefits of using power-supply volume control (PSVC) are reduced idle
channel noise, improved signal resolution at low volumes, increased dynamic range, and reduced radio
frequency emissions at reduced power levels. The PSVC is enabled via I2C. When enabled, the PSVC
provides a PWM output that is filtered to provide a reference voltage for the power supply. The power-
supply adjustment range can be set for –-12.04, –18.06, or –24.08 dB, to accommodate a range of
variable power-supply designs.
Figure 5-1 and Figure 5-2 show how power-supply and digital gains can be used together.
The volume biquad (0xCF) can be used to implement a low-pass filter in the digital volume control to
match the PSVC volume transfer function. Note that if the PVSC function is not used, the volume biquad
is all-pass (default).
Figure 5-1. Power-Supply and Digital Gains (Linear Space)
Figure 5-2. Power-Supply and Digital Gains (Log Space)
40
TAS5548 Controls and Status
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com