Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 70Page - Texas Instruments TAS5548 Datasheet HTML 71Page - Texas Instruments TAS5548 Datasheet HTML 72Page - Texas Instruments TAS5548 Datasheet HTML 73Page - Texas Instruments TAS5548 Datasheet HTML 74Page - Texas Instruments TAS5548 Datasheet HTML 75Page - Texas Instruments TAS5548 Datasheet HTML 76Page - Texas Instruments TAS5548 Datasheet HTML 77Page - Texas Instruments TAS5548 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
TOTAL
I2C
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE (hex)
BYTES
SUBADDRESS
0xF6
16
192kHz Process Flow
P1_to_opmix[3] (5.23). See
0000 0000 0000 0000
Output Mixer
192kHz Process Flow
P2_to_opmix[3] (5.23). See
0000 0000 0000 0000
Output Mixer
192kHz Process Flow
P3_to_opmix[3] (5.23). See
0080 0000 0000 0000
Output Mixer
192kHz Process Flow
P4_to_opmix[3] (5.23). See
0000 0000 0000 0000
Output Mixer
0xF7
16
192kHz Process Flow
P1_to_opmix[4] (5.23). See
0000 0000 0000 0000
Output Mixer
192kHz Process Flow
P2_to_opmix[4] (5.23). See
0000 0000 0000 0000
Output Mixer
192kHz Process Flow
P3_to_opmix[4] (5.23). See
0000 0000 0000 0000
Output Mixer
192kHz Process Flow
P4_to_opmix[4] (5.23). See
0080 0000 0000 0000
Output Mixer
0xF8-0xF9
4
Reserved
Do not Read or Write
RESERVED
0xFA
4
192kHz Image Select
IMGSEL
0000 0000
0xFB
16
192kHz Dolby Downmix
dolby_COEF1L (5.23) See
0029 0333
Coefficients
dolby_COEF2L (5.23) See
001C FEEF
dolby_COEF3L (5.23) See
FFE3 0111
dolby_COEF4L (5.23) See
FFE3 0111
0xFC
16
dolby_COEF1R (5.23) See
0029 0333
dolby_COEF2R (5.23) See
001C FEEF
dolby_COEF3R (5.23) See
001C FEEF
dolby_COEF4R (5.23) See
001C FEEF
0XFD
4
Reserved
Do not Read or Write
RESERVED
0xFE
4 (min)
Multiple-byte write-append
Special register
register
0xFF
4
Reserved
Do not Read or Write
RESERVED
74
Copyright © 2012, Texas Instruments Incorporated
Serial-Control I2C Register Summary
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com