Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 18Page - Texas Instruments TAS5548 Datasheet HTML 19Page - Texas Instruments TAS5548 Datasheet HTML 20Page - Texas Instruments TAS5548 Datasheet HTML 21Page - Texas Instruments TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments TAS5548 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
All five coefficients for one biquad filter structure are written to one I2C register containing 20 bytes (or five
32-bit words). The structure is the same for all biquads in the TAS5548. Registers 0x51–0x88 show all the
biquads in the TAS5548. Note that u[31:28] bits are unused and default to 0x0.
Table 3-1. Contents of One 20-Byte Biquad Filter Register (Default = All-Pass)
INITIALIZATION GAIN COEFFICIENT VALUE
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
b0 coefficient
u[31:28], b0[27:24], b0[23:16], b0[15:8], b0[7:0]
1.0
0x00, 0x80, 0x00, 0x00
b1 coefficient
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0.0
0x00, 0x00, 0x00, 0x00
b2 coefficient
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0.0
0x00, 0x00, 0x00, 0x00
a1 coefficient
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0.0
0x00, 0x00, 0x00, 0x00
a2 coefficient
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0.0
0x00, 0x00, 0x00, 0x00
3.5
Bass and Treble Controls
In post-SRC 96kHz processing mode, the TAS5548 has four bass and treble tone control groups. Each
control has a ±18-dB control range with selectable corner frequencies and second-order slopes. These
controls operate four channel groups:
•
L, R, and C (channels 1, 2, and 7)
•
LS, RS (channels 3 and 4)
•
LBS, RBS (alternatively called L and R lineout) (channels 5 and 6)
•
Sub (channel 8)
22
TAS5548 DAP Architecture
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com