Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 32Page - Texas Instruments TAS5548 Datasheet HTML 33Page - Texas Instruments TAS5548 Datasheet HTML 34Page - Texas Instruments TAS5548 Datasheet HTML 35Page - Texas Instruments TAS5548 Datasheet HTML 36Page - Texas Instruments TAS5548 Datasheet HTML 37Page - Texas Instruments TAS5548 Datasheet HTML 38Page - Texas Instruments TAS5548 Datasheet HTML 39Page - Texas Instruments TAS5548 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
Because RESET is an asynchronous signal, clicks and pops produced during the application (the leading
edge) of RESET cannot be avoided. However, the transition from the hard-mute state (Non PWM
Switching) to the operational state is performed using a quiet start-up sequence to minimize noise. This
control uses the PWM reset and unmute sequence to shut down and start up the PWM. If a completely
quiet reset or power-down sequence is desired, MUTE should be applied before applying RESET.
The rising edge of the reset pulse begins device initialization before the transition to the operational mode.
During device initialization, all controls are reset to their initial states. Table 5-2 shows the default control
settings following a reset.
Table 5-2. Values Set During Reset
CONTROL
SETTING
Output mixer configuration
0xD0 bit 30 = 0 (remapped output mixer configuration)
High pass
Enabled
Unmute from clock error
Hard unmute
Input automute
Enabled
Output automute
Enabled
Serial data interface format
I2S, 24-bit
Individual channel mute
No channels are muted
Automute delay
14.9 ms
Automute threshold 1
< 8 bits
Automute threshold 2
Same as automute threshold 1
Modulation limit
93.7% (Note: Some power stages require a lower
modulation index)
Six- or eight-channel configuration
Eight channels
Volume and mute update rate
Volume ramp 42.6 ms
Treble and bass slew rate
Update every 1.31 ms
Bank switching
Manual bank selection is enabled
Biquad coefficients
Set to all pass
Input mixer coefficients
Input N
→ Channel N, no attenuation
Output mixer coefficients
Channel N
→ Output N, no attenuation
Subwoofer sum into Ch1 and Ch2
Gain of 0
Ch1 and Ch2 sum in subwoofer
Gain of 0
Bass and treble bypass/inline
Bypass
DRC bypass/inline
Bypass
DRC
Default values
Master volume
Mute
Individual channel volumes
0 dB
All bass and treble indexes
0 dB
Treble filter sets
Filter set 3
Bass filter sets
Filter set 3
Loudness
Loudness disabled, default values
AM interference mode enable
Disabled
AM interference mode IF
455 kHz
AM interference mode select sequence
1
AM interference mode tuned frequency and
0000, BCD
input mode
36
TAS5548 Controls and Status
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com