Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 20Page - Texas Instruments TAS5548 Datasheet HTML 21Page - Texas Instruments TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments TAS5548 Datasheet HTML 26Page - Texas Instruments TAS5548 Datasheet HTML 27Page - Texas Instruments TAS5548 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
B0017-01
Loudness
Biquad
H(z)
Audio Out
Audio In
V
V
Loudness Function = f(V)
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
Figure 3-13. Loudness Compensation Functional Block Diagram
Loudness function = f(V) = G × [2(Log V) × LG + LO] + O or alternatively,
Loudness function = f(V) = G × [VLG × 2LO] + O
For example, for the default values LG = –0.5, LO = 0, G = 1, and O = 0, then:
Loudness function = 1/SQRT(V), which is the recommended transfer function for loudness. So,
Audio out = (audio in) × V + H(Z) × SQRT(V). Other transfer functions are possible.
Table 3-3. Default Loudness Compensation Parameters
LOUDNESS
DESCRIPTION
USAGE
DATA
I2C
DEFAULT
TERM
FORMAT
SUB-
HEX
FLOAT
ADDRESS
V
Max volume
Gains audio
5.23
NA
NA
NA
Log V
Log2 (max volume)
Loudness function
5.23
NA
0000 0000
0.0
H(Z)
Loudness biquad
Controls shape of
5.23
0x95
b0 = 0000 D513
b0 = 0.006503
loudness curves
b1 = 0000 0000
b1 = 0
b2 = 0FFF 2AED
b2 = –0.006503
a1 = 00FE 5045
a1 = 1.986825
a2 = 0F81 AA27
a2 = –0.986995
LG
Gain (log space)
Loudness function
5.23
0x91
FFC0 0000
–0.5
LO
Offset (log space)
Loudness function
9.23
0x92
0000 0000
0
G
Gain
Switch to enable
5.23
0x93
0000 0000
0
loudness (ON = 1, OFF = 0)
O
Offset
Provides offset
9.23
0x94
0000 0000
0
3.7.1
Loudness Example
Problem: Due to the Fletcher-Munson phenomena, compensation for low-frequency attenuation near 60
Hz is desirable. The TAS5548 provides a loudness transfer function with EQ gain = 6, EQ center
frequency = 60 Hz, and EQ bandwidth = 60 Hz.
Solution: Using Texas Instruments TAS5548 GUI tool (downloadable from ti.com) , Matlab™, or other
signal-processing tool, develop a loudness function with the parameters listed in Table 3-4.
24
TAS5548 DAP Architecture
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com