Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 61Page - Texas Instruments TAS5548 Datasheet HTML 62Page - Texas Instruments TAS5548 Datasheet HTML 63Page - Texas Instruments TAS5548 Datasheet HTML 64Page - Texas Instruments TAS5548 Datasheet HTML 65Page - Texas Instruments TAS5548 Datasheet HTML 66Page - Texas Instruments TAS5548 Datasheet HTML 67Page - Texas Instruments TAS5548 Datasheet HTML 68Page - Texas Instruments TAS5548 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
CLK_Gen
Control
LRCK1
SCK1
SDIN1
SDIN2
8ch PWM
Modulator
+
HP-PWMOUT
32kHz–192kHz Input
4ch ASRC
Fixed 96kHz Output
32 bits Data Path
48 bits Accumulator
1365 Cycles
Fixed Processing DAP
10 Channel Input Mixer
8 Channel Processing
8 Channel Output Mixer
32kHz–192kHz Input
4ch ASRC
Fixed 96kHz Output
Serial Audio
Receiver
4ch
2 Stereo
Serial Audio
Receiver
4ch
2 Stereo
LRCKO/LRCKIN2
SCKO/SCKIN2
SDIN3
SDIN4
4ch
4ch
Serial Audio
Receiver
Transmitter
1 Stereo
SDOUT/SDIN5
I/
O
I
O
I
I
I
I
I
I/
O
I/
O
MCLKO/PSVC
OSC
12.288MHz
8ch
O
O
O
O
O
O
O
O
O
I
O
2ch
2ch
Bypass mode
2ch
HPPWM
PWM8
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
9.2
Serial Port Master/Slave Configurations
The inputs to the Digital Audio Processor (DAP) come from the Asynchronous Sample Rate Converter
block as follows:
Figure 9-3. Digital Audio Signal Flow Block Diagram
The DAP can feed audio data to and from the Serial Audio ports in the following manner. There are 3
main use cases:
1. Use Case 1: External Karaoke Microphone Input (ADC in on SDIN5) or External I2S Subwoofer
(a) SDIN1 through 4 are slave to an external source (such as a media decoder IC).
(b) A separate DOUT (for Sub) or Microphone Inout (SDIN5) needs to function at the post-ASRC rate.
(c) Therefore, the device is configured to use MCLKO, SCLKO and LRCLKO.
2. Use Case 2: Mixing two different data sources (e.g. Stereo Bluetooth I2S and CD/Media Decoder
(a) In an example where two different data sources need mixing, SDIN1/2 run at a different rate than
SDIN3/4
(b) SCLKIN-2 and LRCLKIN-2 are used to provide an LRCLK and SCLK for the second data
synchronous data source.
(c) DOUT (for a wireless sub) cannot be used in this mode, as no MCLKO, SCLKO or LRCLKO are
available.
3. Use Case 3: Creating an external loop for processing (e.g. using a TAS3108 or TAS3152 I2S
processor)
(a) SDIN1/2 run with SCLK and LRCLK as a slave.
(b) SDOUT acts as a "send for external processing", in master mode, synchronized to MLCKO,
SCLKO, LRCLKO
(c) SDIN3/4 Act as a "return from external processing", in master mode, synchronized to MLCKO,
SCLKO, LRCLKO
Copyright © 2012, Texas Instruments Incorporated
Application Recommendations / Settings
65
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com