Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 7Page - Texas Instruments TAS5548 Datasheet HTML 8Page - Texas Instruments TAS5548 Datasheet HTML 9Page - Texas Instruments TAS5548 Datasheet HTML 10Page - Texas Instruments TAS5548 Datasheet HTML 11Page - Texas Instruments TAS5548 Datasheet HTML 12Page - Texas Instruments TAS5548 Datasheet HTML 13Page - Texas Instruments TAS5548 Datasheet HTML 14Page - Texas Instruments TAS5548 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
2.4.7.2
TAS5548 Audio-Processing Feature Sets
The audio processing architecture of the TAS5548 DAP for normal and double speed configurations is
shown below.
Table 2-2. TAS5548 Audio-Processing Feature Sets
32 kHz–96 kHz
32 kHz–96 kHz
176.4- and 192-kHz
FEATURE
8-CHANNEL FEATURE SET
6 + 2 LINEOUT FEATURE SET
FEATURE SET
Signal-processing channels
8
6 + 2
4
Master volume
1 for 8 channels
1 for 6 channels
1 for 4 channels
Individual channel volume
8
4
controls
Four bass and treble tone controls
Four bass and treble tone controls
Two bass and treble tone
with ±18-dB range, programmable
with ±18-dB range, programmable
controls with ±18-dB range,
corner frequencies, and second-
corner frequencies, and second-
programmable corner
Bass and treble tone
order slopes
order slopes
frequencies, and second-order
controls
L, R, and C
L, R, and C
slopes for satellite channels
LS, RS
LS, RS
(selectable). One Bass Control
LBS, RBS
Sub
for Sub (channel 8)
Sub
Line L and R
Biquads
56
31
Dynamic range
1 for satellites and 1 for sub
1 for 7 satellites and 1 for sub
2 - 1 for 3 satellites and 1 for sub
compressors
(Line 1 & 2 Uncompressed)
Each of the eight signal-processing channels input can be any ratio of the
Input/output mapping/
Channels 1, 2, 5, 6 has 4×1
eight input channels.
mixing
mixer on the output and input
Each of the eight outputs can be any ratio of any two processed channels.
DC-blocking filters
(implemented in PWM
Eight channels
section)
Digital de-emphasis
Eight channels for 32 kHz,
Six channels for 32 kHz, 44.1 kHz,
(implemented in PWM
N/A
44.1 kHz, and 48 kHz
and 48 kHz
section)
Loudness
Eight channels
Six channels
Four channels
Number of coefficient sets
Two additional coefficient sets can be stored in memory. (Bank Switching data for ASRC Bypass Mode)
stored
Copyright © 2012, Texas Instruments Incorporated
Description
11
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com