Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 91Page - Texas Instruments TAS5548 Datasheet HTML 92Page - Texas Instruments TAS5548 Datasheet HTML 93Page - Texas Instruments TAS5548 Datasheet HTML 94Page - Texas Instruments TAS5548 Datasheet HTML 95Page - Texas Instruments TAS5548 Datasheet HTML 96Page - Texas Instruments TAS5548 Datasheet HTML 97Page - Texas Instruments TAS5548 Datasheet HTML 98Page - Texas Instruments TAS5548 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
11.28 DRC2 Data Registers (0x9D–0xA1)
DRC2 applies to channel 8.
Table 11-32. DRC2 Data Register Format
I2C
TOTAL
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
DATA DECIMAL
SUBADDRES
BYTES
S
Channel 8 DRC2 energy
u[31:28], E[27:24], E[23:16], E[15:8], E[7:0]
0000 883F
mS
0x9D
8
Channel 8 DRC2 (1 –
u[31:28], 1–E[27:24], 1–E[23:16], 1–E[15:8], 1–E[7:0] 007F 77C0
energy)
Channel 8 DRC2
T1[31:24], T1[23:16], T1[15:8], T1[7:0]
0B20 E2B2
dB
threshold lower 32 bits
(T1)
0x9E
8
Channel 8 DRC2
T2[31:24], T2[23:16], T2[15:8], T2[7:0]
06F9 DE58
dB
threshold lower 32 bits
(T2)
Channel 8 DRC2 slope
u[31:28], k0[27:24], k0[23:16], k0[15:8], k0[7:0]
0040 0000
ratio
(k0)
Channel 8 DRC2 slope
u[31:28], k1[27:24], k1[23:16], k1[15:8], k1[7:0]
0FC0 0000
ratio
0x9F
12
(k1)
Channel 8 DRC2 slope
u[31:28], k2[27:24], k2[23:16], k2[15:8], k2[7:0]
0F90 0000
ratio
(k2)
Channel 8 DRC2 offset 1
O1[31:24], O1[23:16], O1[15:8], O1[7:0]
FF82 3098
dB
lower 32 bits (O1)
0xA0
8
Channel 8 DRC2 offset 2
O2[31:24], O2[23:16], O2[15:8], O2[7:0]
0195 B2C0
dB
lower 32 bits (O2)
Channel 8 DRC2 attack
u[31:28], A[27:24], A[23:16], A[15:8], A[7:0]
0000 883F
mS
Channel 8 DRC2 (1 –
u[31:28], 1–A[27:24], 1–A[23:16], 1–A[15:8], 1–A[7:0] 007F 77C0
attack)
0xA1
16
Channel 8 DRC2 decay
u[31:28], D[27:24], D[23:16], D[15:8], D[7:0]
0000 0056
mS
Channel 8 DRC2 (1 –
u[31:28], 1–D[27:24], 1–D[23:16], 1–D[15:8],
003F FFA8
decay)
1–D[7:0]
11.29 DRC Bypass Registers (0xA2–0xA9)
DRC bypass/inline for channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0xA2, 0xA3, 0xA4,
0xA5, 0xA6, 0xA7, 0xA8, and 0xA9, respectively. Eight bytes are written for each channel. Each gain
coefficient is in 28-bit (5.23) format, so 0x0080 0000 is a gain of 1. Each gain coefficient is written as a 32-
bit word with the upper 4 bits not used.
To enable DRC for a given channel (with unity gain), bypass = 0x0000 0000 and inline = 0x0080 0000.
To disable DRC for a given channel, bypass = 0x0080 0000 and inline = 0x0000 0000.
Table 11-33. DRC Bypass Register Format
TOTAL
REGISTER NAME
CONTENTS
DEFAULT VALUE
BYTES
Channel bass DRC bypass
u[31:28], bypass[27:24], bypass[23:16], bypass[15:8], bypass[7:0]
0x00, 0x80, 0x00, 0x00
8
Channel DRC inline
u[31:28], inline[27:24], inline[23:16], inline[15:8], inline[7:0]
0x00, 0x00, 0x00, 0x00
11.30 Output Select and Mix Registers 8x2 (0x–0xAF)
The pass-through output mixer setting is:
•
DAP channel 1 is mapped though the 8×2 crossbar mixer (0xAA) to PWM channel 1
•
DAP channel 2 is mapped though the 8×2 crossbar mixer (0xAB) to PWM channel 2
•
DAP channel 3 is mapped though the 8×2 crossbar mixer (0xAC) to PWM channel 3
•
DAP channel 4 is mapped though the 8×2 crossbar mixer (0xAD) to PWM channel 4
•
DAP channel 5 is mapped though the 8×2 crossbar mixer (0xAE) to PWM channel 5
Copyright © 2012, Texas Instruments Incorporated
Serial-Control Interface Register Definitions
95
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com