Electronic Components Datasheet Search
  English  ▼

X  

TAS5548 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 21Page - Texas Instruments TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments TAS5548 Datasheet HTML 26Page - Texas Instruments TAS5548 Datasheet HTML 27Page - Texas Instruments TAS5548 Datasheet HTML 28Page - Texas Instruments TAS5548 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
f − Frequency − Hz
10
20k
100
1k
G001
20
0
−10
−20
−40
10
−30
10k
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
Table 3-4. Example Loudness Function Parameters
LOUDNESS
DESCRIPTION
USAGE
DATA
I2C
EXAMPLE
TERM
FORMAT
SUB-
HEX
FLOAT
ADDRESS
H(Z)
Loudness biquad
Controls shape of
5.23
0x95
b0 = 0000 8ACE
b0 = 0.004236
loudness curves
b1 = 0000 0000
b1 = 0
b2 = FFFF 7532
b2 = –0.004236
a1 = FF01 1951
a1 = –1.991415
a2 = 007E E914
a2 = 0.991488
LG
Loudness gain
Loudness function
5.23
0x91
FFC0 0000
–0.5
LO
Loudness offset
Loudness function
9.23
0x92
0000 0000
0
G
Gain
Switch to enable
5.23
0x93
0080 0000
1
loudness (ON = 1, OFF = 0)
O
Offset
Offset
9.23
0x94
0000 0000
0
See Figure 3-14 for the resulting loudness function at different gains.
Figure 3-14. Loudness Example Plots
3.8
Dynamic Range Control (DRC)
DRC provides both compression and expansion capabilities over three separate and definable regions of
audio signal levels. Programmable threshold levels set the boundaries of the three regions. Within each of
the three regions, a distinct compression or expansion transfer function can be established and the slope
of each transfer function is determined by programmable parameters. The offset (boost or cut) at the two
boundaries defining the three regions can also be set by programmable offset coefficients. The DRC
implements the composite transfer function by computing a 5.23-format gain coefficient from each sample
output from the rms estimator. This gain coefficient is then applied to a mixer element, whose other input
is the audio data stream. The mixer output is the DRC-adjusted audio data.
The TAS5548 has two distinct DRC blocks. DRC1 services channels 1–7 in the 8-channel mode and
channels 1–4 and 7 in the 6-channel mode. This DRC computes rms estimates of the audio data streams
on all channels that it controls. The estimates are then compared on a sample-by-sample basis and the
larger of the estimates is used to compute the compression/expansion gain coefficient. The gain
coefficient is then applied to the appropriate channel audio streams. DRC2 services only channel 8. This
DRC also computes an rms estimate of the signal level on channel 8 and this estimate is used to compute
the compression/expansion gain coefficient applied to the channel-8 audio stream.
Copyright © 2012, Texas Instruments Incorporated
TAS5548 DAP Architecture
25
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com