Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 31Page - Texas Instruments LP8556 Datasheet HTML 32Page - Texas Instruments LP8556 Datasheet HTML 33Page - Texas Instruments LP8556 Datasheet HTML 34Page - Texas Instruments LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
IDENTIFICATION
Address 03h
Reset value 1111 1100b
Identification register
7
6
5
4
3
2
1
0
PANEL
MFG[3:0]
REV[2:0]
Name
Bit
Access
Description
PANEL
7
R
Panel ID code
MFG
6:3
R
Manufacturer ID code
REV
2:0
R
Revision ID code
DIRECT CONTROL
Address 04h
Reset value 0000 0000b
Direct Control register
7
6
5
4
3
2
1
0
OUT[5:0]
Name
Bit
Access
Description
OUT
5:0
R/W
Direct control of the LED outputs
0 = Normal operation. LED output are controlled with the adaptive dimming block
1 = LED output is forced to 100% PWM.
LED String Enable
Address 16h
Reset value 0011 1111b
Temp LSB register
7
6
5
4
3
2
1
0
LED_EN[5:0]
Name
Bit
Access
Description
LED_EN
5:0
R/W
Bits 5:0 correspond to LED Strings 6:1 respectively.
Bit value 1 = LED String Enabled
Bit value 0 = LED String Disabled
Note: To disable string(s), it is recommended to disable higher order string(s). For
example, - for 5 String configuration, disable 6th String. - for 4 string configuration,
disable 6th and 5th string. These bits are ANDed with the internal LED enable bits
that are generated with the PS_MODE logic.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com