Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 34Page - Texas Instruments LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
CFG0
Address A0h
CFG0 register
7
6
5
4
3
2
1
0
CURRENT LSB[7:0]
Name
Bit
Access
Description
CURRENT LSB
7:0
R/W
The 8-bits in this register (LSB) along the 4-bits defined in CFG1 Register (MSB) allow
LED current to be set in 12-bit fine steps. These 12-bits further scale the maximum LED
current set using CFG1 Register, CURRENT_MAX bits (denoted as IMAX ). If ISET_EN =
0, the LED current is defined with the bits as shown below. If ISET_EN = 1, then the
external resistor connected to the ISET pin scales the LED current as shown below.
ISET_EN = 0
ISET_EN = 1
0000 0000 0000
0A
0A
0000 0000 0001
(1/4095) x
(1/4095) x IMAX x 20000 x 1.2V /
IMAX
RISET
0000 0000 0010
(2/4095) x
(2/4095) x IMAX x 20000 x 1.2V /
IMAX
RISET
...
...
...
0111 1111 1111
(2047/4095) x
(2047/4095) x IMAX x 20000 x
IMAX
1.2V / RISET
...
...
...
1111 1111 1101
(4093/4095) x
(4093/4095) x IMAX x 20000 x
IMAX
1.2V / RISET
1111 1111 1110
(4094/4095) x
(4094/4095) x IMAX x 20000 x
IMAX
1.2V / RISET
1111 1111 1111
(4095/4095) x
(4095/4095) x IMAX x 20000 x
IMAX
1.2V / RISET
CFG1
Address A1h
CFG1 register
7
6
5
4
3
2
1
0
PDET_STDBY
CURRENT_MAX[2:0]
CURRENT MSB[11:8]
Name
Bit
Access
Description
PDET_STDBY
7
R/W
Enable Standby when PWM input is constant low (approx. 50 ms timeout).
CURRENT_MAX
6:4
R/W
Set Maximum LED current as shown below. This maximum current is scaled as
described in the CFG0 Register.
000 = 5 mA
001 = 10 mA
010 = 15 mA
011 = 20 mA
100 = 23 mA
101 = 25 mA
110 = 30 mA
111 = 50 mA
CURRENT MSB
3:0
R/W
These bits form the 4 MSB bits for LED Current as described in CFG0 Register
38
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com