Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 1 Page - Texas Instruments

  LP8556 Datasheet HTML 1Page - Texas Instruments LP8556 Datasheet HTML 2Page - Texas Instruments LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
LP8556 High-Efficiency LED Backlight Driver for Tablets
Check for Samples: LP8556
1
FEATURES
2
•
High Efficiency DC/DC Boost Converter with
•
Adaptive Dimming for Higher LED Drive
Integrated 0.19
Ω Power MOSFET and Three
Optical Efficiency
Switching Frequency Options: 312 / 625 / 1250
•
Programmable Edge-rate Control and Spread
kHz
Spectrum Scheme Minimize Switching Noise
•
2.7V to 36V Boost Switch Input Voltage Range
and Improve EMI Performance
Supports Multi-cell Li-Ion Batteries (2.7V - 20V
•
LED Fault (short/open) Detection, UVLO, TSD,
VDD Input Range)
OCP and OVP (up to 6 Threshold Options)
•
7V to 43V Boost Switch Output Voltage Range
•
Available in Tiny 20-bump, 1.715 mm x 2.376
Supports as few as 3 WLEDs in Series per
mm x 0.6 mm, 0.4 mm pitch, DSBGA Package,
Channel and as Many as 12
and 24-pad, 4 mm x 4 mm x 0.8 mm, 0.5 mm
•
Configurable Channel Count (1 to 6)
Pitch, WQFN Package.
•
Up to 50 mA per Channel
APPLICATIONS
•
PWM and / or I2C Brightness Control
•
Tablet LCD Display LED Backlight
•
Phase-Shift PWM Mode Reduces Audible
Noise
DESCRIPTION
LP8556 is a white LED driver featuring an asynchronous boost converter and six high precision current sinks that
can be controlled by a PWM signal or an I2C master.
The boost converter uses adaptive output voltage control for setting the optimal LED driver voltages as low as 7V
and as high as 43V. This feature minimizes the power consumption by adjusting the output voltage to the lowest
sufficient level under all conditions. The converter can operate at three switching frequencies: 312, 625 and 1250
kHz settable with an external resistor or pre-configured via EPROM. Programmable slew rate control and spread
spectrum scheme minimize switching noise and improve EMI performance.
LED current sinks can be set with the PWM dimming resolution of up to 15 bits. Proprietary adaptive dimming
mode allows higher system power saving. In addition, phase shifted LED PWM dimming allows reduced audible
noise and smaller boost output capacitors.
The LP8556 has a full set of safety features that ensure robust operation of the device and external components.
The set consists of input under-voltage lockout, thermal shutdown, over-current protection, up to 6 levels of over-
voltage protection, LED open and short detection.
The LP8556 operates over the ambient temperature range of -30°C to +85°C. It is available in space saving 20-
bump DSBGA and 24-pad WQFN packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556 TI1-LP8556 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8556 TI2-LP8556 Datasheet
1Mb / 67P
LP8556 High-Efficiency LED Backlight Driver For Tablets
REVISED JUNE 2020
LP8556SQ-E00 TI1-LP8556SQ-E00 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8556SQ-E00/NOPB TI1-LP8556SQ-E00/NOPB Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8556SQ-E00/NOPB TI2-LP8556SQ-E00/NOPB Datasheet
1Mb / 67P
LP8556 High-Efficiency LED Backlight Driver For Tablets
REVISED JUNE 2020
More results

Similar Description - LP8556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
Texas Instruments
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com