Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
0
20
40
60
80
100
100
120
140
160
180
200
BRIGHTNESS [%]
PWM Dimming
Adaptive Dimming
VIN = 3.6V
10" Panel
6x7 LED Array
ILEDMAX = 23 mA/CH
L = 4.7 PH
1.5 mm Max Height
fSW = 1.25 MHz
0
20
40
60
80
100
0
100
200
300
400
500
BRIGHTNESS [%]
PWM Dimming
Adaptive Dimming
VIN = 3.6V
10" Panel
6x7 LED Array
ILEDMAX = 23 mA/CH
L = 4.7 PH
1.5 mm Max Height
fSW = 1.25 MHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 8.6V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 12.9V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 3.8V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 6.3V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
Typical Performance Characteristics
Unless otherwise specified: VIN = 3.8V, CVLDO = 10 μF, L1 = 4.7 μH, CIN = 2.2 μF, COUT = 4.7 μF, fSW = 1.25 MHz
Boost and LED Drive Efficiency, VIN = 3.8V
Boost and LED Drive Efficiency, VIN = 6.3V
Figure 6.
Figure 7.
Boost and LED Drive Efficiency, VIN = 8.6V
Boost and LED Drive Efficiency, VIN = 12.9V
Figure 8.
Figure 9.
Optical Efficiency with 10" Panel
Luminance as a Function of Brightness
Figure 10.
Figure 11.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com