Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 30Page - Texas Instruments LP8556 Datasheet HTML 31Page - Texas Instruments LP8556 Datasheet HTML 32Page - Texas Instruments LP8556 Datasheet HTML 33Page - Texas Instruments LP8556 Datasheet HTML 34Page - Texas Instruments LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
Device Control register
BL_CTL
0
R/W
Enable backlight when Brightness Register is used to control brightness
( BRT_MODE = 10 ).
0 = Backlight disabled and chip turned off
1 = Backlight enabled and chip turned on
This bit has no effect when PWM pin control is selected for brightness control
( BRT_MODE = 00). In this mode the state of PWM pin enable or disables the chip.
STATUS
Address 02h
Reset value 0000 0000b
Fault register
7
6
5
4
3
2
1
0
OPEN
SHORT
VREF_OK
VBOOST_OK
OVP
OCP
TSD
UVLO
Name
Bit
Access
Description
OPEN
7
R
LED open fault detection
0 = No fault
1 = LED open fault detected. The value is not latched.
SHORT
6
R
LED short fault detection
0 = No fault
1 = LED short fault detected. The value is not latched.
VREF_OK
5
R
Internal VREF node monitor status
1 = VREF voltage is OK.
VBOOST_OK
4
R
Boost output voltage monitor status
0 = Boost output voltage has not reached its target (VBOOST < Vtarget - 2.5V)
1 = Boost output voltage is OK. The value is not latched.
OVP
3
R
Overvoltage protection
0 = No fault
1 = Overvoltage condition occurred. Fault is cleared by reading the register 02h.
OCP
2
R
Over current protection
0 = No fault
1 = Over current detected in boost output. OCP detection block monitors the boost
output and if the boost output has been too low for more than 50 ms it will generate
OCP fault and disable the boost. Fault is cleared by reading the register 02h. After
clearing the fault boost will startup again.
TSD
1
R
Thermal shutdown
0 = No fault
1 = Thermal fault generated, 150 °C reached. Boost converter and LED outputs will be
disabled until the temperature has dropped down to 130 °C. Fault is cleared by reading
this register.
UVLO
0
R
Under voltage detection
0 = No fault
1 = Under voltage detected on the VDD pin. Boost converter and LED outputs will be
disabled until VDD voltage is above the UVLO threshold voltage. Threshold voltage is
set with EPROM bits. Fault is cleared by reading this register.
34
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com