Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
CFG9
Address A9h
CFG9 register
7
6
5
4
3
2
1
0
VBOOST_MAX[2:0]
JUMP_EN
JUMP_THRESHOLD[1:0]
JUMP_VOLTAGE[1:0]
Name
Bit
Access
Description
VBOOST_MAX
7:5
R/W
Select the maximum boost voltage (typ values)
( VBOOST_RANGE = 0 / VBOOST_RANGE = 1)
010 = NA / 21V
011 = NA / 25V
100 = 21V / 30V
101 = 25V / 34.5V
110 = 30V / 39V
111 = 34V / 43V
JUMP_EN
4
R/W
Enable JUMP detection on the PWM input.
JUMP_THRESHOLD
3:2
R/W
Select JUMP threshold:
00 = 10%
01 = 30%
10 = 50%
11 = 70%
JUMP_VOLTAGE
1:0
R/W
Select JUMP voltage:
00 = 0.5V
01 = 1V
10 = 2V
11 = 4V
CFGA
Address AAh
CFGA register
7
6
5
4
3
2
1
0
SSCLK_EN
RESERVED
RESERVED
ADAPTIVE
DRIVER_HEADROOM[2:0]
Name
Bit
Access
Description
SSCLK_EN
7
R/W
Enable spread spectrum function.
RESERVED
6
R/W
RESERVED
5:4
R/W
ADAPTIVE
3
R/W
Enable adaptive boost control.
DRIVER_HEADROOM
2:0
R/W
LED driver headroom control. This sets the LOW comparator threshold and
contributes to the MID comparator threshold.
000 = HEADROOM_OFFSET + 875 mV
001 = HEADROOM_OFFSET + 750 mV
010 = HEADROOM_OFFSET + 625 mV
011 = HEADROOM_OFFSET + 500 mV
100 = HEADROOM_OFFSET + 375 mV
101 = HEADROOM_OFFSET + 250 mV
110 = HEADROOM_OFFSET + 125 mV
111 = HEADROOM_OFFSET mV
42
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com