Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
I
2C Serial Bus Timing Parameters (SDA, SCL)(1)
Limit
Symbol
Parameter
Units
Min
Max
fSCL
Clock Frequency
400
kHz
1
Hold Time
0.6
μs
(repeated) START
Condition
2
Clock Low Time
1.3
μs
3
Clock High Time
600
ns
4
Setup Time for a
600
ns
Repeated START
Condition
5
Data Hold Time
50
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA
20+0.1Cb
300
ns
and SCL
8
Fall Time of SDA
15+0.1Cb
300
ns
and SCL
9
Set-up Time for
600
ns
STOP condition
10
Bus Free Time
1.3
μs
between a STOP
and a START
Condition
Capacitive Load
Parameter for Each
Cb
Bus Line
10
200
ns
Load of 1 pF
corresponds to 1 ns.
(1)
Guaranteed by design and not tested in production.
Figure 5. I2C Compatible Timing
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com