Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
PWM CONTROL
CURRENT CONTROL
25%
100%
Max current is set with CURRENT and CURRENT_MAX EPROM bits
or CURRENT and CURRENT_MAX EPROM bits and RISET resistor
25%
50%
100%
PWM & CURRENT CONTROL with Switch Point at 25% of ILED_MAX
(PWM_TO_I_THRESHOLD = 0111b)
BRIGHTNESS
50%
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
Adaptive Control
Adaptive dimming control combines PWM Control and Pure Current Control dimming methods. With the adaptive
dimming, it is possible to achieve better optical efficiency from the LEDs compared to pure PWM control while
still achieving smooth and accurate control at low brightness levels. Current resolution in this mode is 12-bits.
Switch point from Current to PWM control can be set with the PWM_TO_I_THRESHOLD EPROM field from 0%
to 100% of the brightness range to get good compromise between good matching of the LEDs brightness/white
point at low brightness and good optical efficiency.
PWM frequency is set either using an external set Resistor (RFSET) or using the PWM_FREQ EPROM bits. The
maximum LED current is set either using an external set Resistor ( RISET) and CURRENT and CURRENT_MAX
EPROM bits or just using the CURRENT and CURRENT_MAX EPROM bits.
Figure 23. Adaptive Output Dimming Scheme
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com