Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 33Page - Texas Instruments LP8556 Datasheet HTML 34Page - Texas Instruments LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
LP8556SQ (WQFN) Configurations and Pre-configured EPROM Settings
ADDRESS
LP8556-E00
LP8556-E08
LP8556-E09
98h[7]
1b
1b
1b
9Eh
22h
22h
22h
A0h
FFh
FFh
FFh
A1h
CFh
CFh
CFh
A2h
2Fh
2Fh
2Fh
A3h
5Eh
5Eh
02h
A4h
72h
72h
72h
A5h
14h
24h
04h
A6h
80h
80h
80h
A7h
FEh
FEh
FEh
A8h
00h
00h
00h
A9h
A0h
A0h
A0h
AAh
0Fh
0Fh
0Fh
ABh
00h
00h
00h
ACh
00h
00h
00h
ADh
00h
00h
00h
AEh
0Fh
0Fh
0Fh
AFh
00h
00h
00h
CFG98
Address 98h
CFG98 register
7
6
5
4
3
2
1
0
IBOOST_LIM_2X
Name
Bit
Access
Description
IBOOST_LIM_2X
7
R/W
Select the inductor current limit range.
When IBOOST_LIM_2X = 0, the inductor current limit can be set to 0.9A, 1.2A, 1.5A or 1.8A.
When IBOOST_LIM_2X = 1, the inductor current limit can be set to 1.6A, 2.1A, or 2.6A . This
option is supported only on WQFN package and not on DSBGA package. See (1).
(1)
1.8A is the maximum ISW_LIM supported with the DSBGA package. For applications requiring the ISW_LIM to be greater than 1.8A and up
to 2.6A, WQFN package should be considered.
CFG9E
Address 9Eh
CFG9E register
7
6
5
4
3
2
1
0
VBOOST_RANGE
HEADROOM_OFFSET
Name
Bit
Access
Description
VBOOST_RANGE
5
R/W
Select VBOOST range.
When VBOOST_RANGE = 0, the output voltage range is from 7V to 34V
When VBOOST_RANGE = 1, the output voltage range is from 16V to 43V
HEADROOM_
3:0
R/W
LED driver headroom offset. This adjusts the LOW comparator threshold together
OFFSET
with LED_HEADROOM bits and contributes to the MID comparator threshold.
0000 = 460 mV
0001 = 390 mV
0010 = 320 mV
0100 = 250 mV
1000 = 180 mV
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com