Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
Brightness Control
LP8556 enables various methods of brightness control. The brightness can be controlled using an external PWM
signal or the Brightness register accessible by users via an I2C interface or both. How these two input sources
are selected and combined is set by the BRT_MODE EPROM bits and described in the following sections,
Figure 20, and Table 2. The LP8556 can also be preconfigured via EPROM memory to allow direct and
unaltered brightness control by an external PWM signal. This mode of operation is obtained by setting
PWM_DIRECT EPROM bit to '1' (CFG5[7] = 1).
BRT_MODE = 00
With BRT_MODE = 00, the LED output is controlled by the PWM input duty cycle. The PWM detector block
measures the duty cycle at the PWM pin and uses this 16-bit value to generate an internal to the device PWM
data. Before the output is generated, the PWM data goes through the PWM Curve Shaper block. Then, the data
goes into the Adaptive Dimming function which determines the range of the PWM and Current control as
described in OUTPUT DIMMING SCHEMES. The outcome of the Adaptive Dimming function is 12-bit Current
and / or up to 6 PWM output signals. The current is then passed through the non-linear compensation block
while the output PWM signals are channeled through the Dither block.
BRT_MODE = 01
With BRT_MODE = 01, the PWM output is controlled by the PWM input duty cycle and the Brightness register.
The PWM detector block measures the duty cycle at the PWM pin and uses this 16-bit value to generate the
PWM data. Before the output is generated, the PWM data is first multiplied with BRT[7:0] register, then it goes
through the PWM Curve Shaper block. Then, the data goes into the Adaptive Dimming function which
determines the range of the PWM and Current control as described in OUTPUT DIMMING SCHEMES . The
outcome of the Adaptive Dimming function is 12-bit Current and / or up to 6 PWM output signals. The current is
then passed through the non-linear compensation block while the output PWM signals are channeled through the
Dither block.
BRT_MODE = 10
With BRT_MODE = 10, the PWM output is controlled only by the Brightness register. From BRT[7:0] register, the
data goes through the PWM Curve Shaper block. Then, the data goes into the Adaptive Dimming function which
determines the range of the PWM and Current control as described in OUTPUT DIMMING SCHEMES . The
outcome of the Adaptive Dimming function is 12-bit Current and / or up to 6 PWM output signals. The current is
then passed through the non-linear compensation block while the output PWM signals are channeled through the
Dither block.
BRT_MODE = 11
With BRT_MODE = 11, the PWM control signal path is similar to the path when BRT_MODE = 01 except that the
PWM input signal is multiplied with BRT[7:0] data after the Curve Shaper block.
Table 2. Brightness Control Methods Truth Table
PWM_DIRECT
BRT_MODE [1:0]
Brightness Control Source
Output ILED Form
0
00
External PWM Signal
External PWM Signal and Brightness Register
0
01
(multiplied before Curve Shaper)
Adaptive. See OUTPUT
DIMMING SCHEMES
0
10
Brightness Register
External PWM Signal and Brightness Register
0
11
(multiplied after Curve Shaper)
Same as the external
1
don't care
External PWM Signal
PWM input
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com