Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TA = 25 °C. Limits in boldface type apply over the full operating ambient temperature
range (-30 °C
≤ TA ≤ +85 °C). Unless otherwise specified: VDD=12V, EN / VDDIO = 1.8V
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDDIO
Supply voltage for digital I/Os
1.62
3.6
V
VDD
Input voltage for the internal LDO
2.7
20
V
Standby Supply Current
EN / VDDIO=0V, LDO disabled
1.6
μA
IDD
LDO enabled, Boost disabled
0.9
1.5
Normal Mode Supply Current
mA
LDO enabled, Boost enabled, no load
2.2
3.65
Internal Oscillator Frequency
-4
+4
fOSC
%
Accuracy
-7
+7
VDD ≥ 3.1V
2.95
3.05
3.15
VLDO
LDO Output Voltage
V
2.7V
≤ VDD < 3.1V
VDD -
0.05
TTSD
Thermal Shutdown Threshold
See(3)
150
°C
TTSD_hyst
Thermal Shutdown Hysteresis
20
°C
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
Guaranteed by design and not tested in production.
Boost Converter Electrical Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
RDS_ON
Switch ON resistance
ISW = 0.5A
0.19
Ω
Boost minimum output
VBOOST_RANGE = 0
7
VBOOST_MIN
V
voltage
VBOOST_RANGE = 1
16
VBOOST_MAX = 100, VBOOST_RANGE = 0
19.0
21
22
VBOOST_MAX = 101, VBOOST_RANGE = 0
24.0
25
27
V
VBOOST_MAX = 110, VBOOST_RANGE = 0
28.0
30
32
VBOOST_MAX = 111, VBOOST_RANGE = 0
32
34
37
Boost maximum output
VBOOST_MAX = 010, VBOOST_RANGE = 1
17.9
21
23.1
VBOOST_MAX
voltage
VBOOST_MAX = 011, VBOOST_RANGE = 1
22.8
25
27.2
VBOOST_MAX = 100, VBOOST_RANGE = 1
27.8
30
31.5
V
VBOOST_MAX = 101, VBOOST_RANGE = 1
32.7
34.5
36.6
VBOOST_MAX = 110, VBOOST_RANGE = 1
37.2
39
40.8
VBOOST_MAX = 111, VBOOST_RANGE = 1
41.8
43
44.2
VIN = 3V, VOUT = 18V
220
Maximum continuous output
ILOAD_MAX
VIN = 3V, VOUT = 24V
160
mA
load current
VIN = 3V, VOUT = 30V
120
fSW = 625 kHz
15
VOUT/VIN
Conversion ratio(2)
fSW = 1250 kHz
12
BOOST_FREQ = 00
312
fSW
Switching frequency
BOOST_FREQ = 01
625
kHz
BOOST_FREQ = 10
1250
Over-voltage protection
VBOOST
VOVP
VBOOST_RANGE = 1
V
voltage
+ 1.6V
UVLO_EN=1
VIN under-voltage lockout
VUVLO
V
UVLO_TH = 0, falling
2.5
threshold
UVLO_TH = 1, falling
5.2
VUVLO[rising]
UVLO_TH = 0
50
VUVLO_hyst
VUVLO hysteresis
mV
VUVLO[falling]
UVLO_TH = 1
100
tPULSE
Switch minimum pulse width
no load
50
ns
(1)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(2)
Guaranteed by design and not tested in production.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com