Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 32Page - Texas Instruments LP8556 Datasheet HTML 33Page - Texas Instruments LP8556 Datasheet HTML 34Page - Texas Instruments LP8556 Datasheet HTML 35Page - Texas Instruments LP8556 Datasheet HTML 36Page - Texas Instruments LP8556 Datasheet HTML 37Page - Texas Instruments LP8556 Datasheet HTML 38Page - Texas Instruments LP8556 Datasheet HTML 39Page - Texas Instruments LP8556 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
EPROM Bit Explanations
LP8556TM (DSBGA) Configurations and Pre-configured EPROM Settings
ADDRESS
LP8556-E00
LP8556-E01
LP8556-E02
LP8556-E03
LP8556-E04
LP8556-E05 (1)
98h[7]
0b
0b
0b
0b
0b
0b
9Eh
22h
22h
22h
24h
24h
22h
A0h
FFh
FFh
FFh
FFh
FFh
A1h
CFh
4Fh
5Fh
BFh
3Fh
A2h
2Fh
20h
20h
28h
2Fh
A3h
5Eh
03h
5Eh
5Eh
5Eh
A4h
72h
12h
72h
72h
72h
A5h
14h
0Ch
04h
14h
04h
A6h
80h
80h
80h
80h
80h
A7h
FFh
FFh
FFh
FFh
FFh
A8h
00h
00h
00h
00h
00h
A9h
A0h
80h
80h
A0h
60h
AAh
0Fh
0Fh
0Fh
0Fh
0Fh
ABh
00h
00h
00h
00h
00h
ACh
00h
00h
00h
00h
00h
ADh
00h
00h
00h
00h
00h
AEh
0Fh
0Fh
0Fh
0Fh
0Fh
AFh
02h
02h
04h
02h
02h
(1)
LP8556-E05 is a device option with un-configured EPROM settings. This option is for users that desire programming the device by
themselves. Bits 98h[7] and 9Eh[5] are always pre-configured.
LP8556TM (DSBGA) Configurations and Pre-configured EPROM Settings Continued
ADDRESS
LP8556-E06
LP8556-E07
LP8556-E08
LP8556-E09
LP8556-E10
LP8556-E11
98h[7]
0b
0b
0b
0b
0b
9Eh
22h
04h
22h
22h
24h
A0h
FFh
FFh
FFh
FFh
EBh
A1h
DBh
BFh
CFh
CFh
3Dh
A2h
2Fh
0Dh
2Fh
2Fh
2Fh
A3h
02h
02h
5Eh
02h
37h
A4h
72h
72h
72h
72h
77h
A5h
14h
20h
24h
04h
1Bh
A6h
40h
4Eh
80h
80h
40h
A7h
FFh
FEh
FFh
FFh
FEh
A8h
21h
21h
00h
00h
21h
A9h
DBh
C0h
A0h
A0h
9Bh
AAh
0Fh
0Fh
0Fh
0Fh
3Fh
ABh
00h
00h
00h
00h
00h
ACh
00h
00h
00h
00h
00h
ADh
00h
00h
00h
00h
00h
AEh
0Fh
0Fh
0Fh
0Fh
0Fh
AFh
02h
02h
02h
03h
00h
36
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com