Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Time
VBOOST
Driver
headroom
VBOOST
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
OUTPUT VOLTAGE CONTROL
LP8556 supports two modes of controlling the Boost output voltage, Adaptive Boost Voltage Control and Manual
Boost Output Control. Each of the two modes are detailed below.
ADAPTIVE CONTROL:
LP8556 supports a mode of output voltage control called Adaptive Boost Control mode. In this mode, the voltage
at the LED pins is periodically monitored by the control loop and adaptively adjusted to the optimum value based
on the comparator thresholds set using LED DRIVER_HEADROOM, LED_COMP_HYST, BOOST_STEP_UP,
BOOST_STEP_DOWN fields in the EPROM. Settings under LED DRIVER_HEADROOM along with
LED_COMP_HYST fields determine optimum boost voltage for a given condition. Boost voltage will be raised if
the voltage measured at any of the LED strings falls below the threshold setting determined with LED
DRIVER_HEADROOM field. Likewise, boost voltage will be lowered if the voltage measured at any of the LED
strings is above the combined setting determined under LED DRIVER_HEADROOM and LED_COMP_HYST
fields. LED_COMP_HYST field serves to fine tune the headroom voltage for a given peak LED current. The
boost voltage up/down step size can be controlled with the BOOST_STEP_UP and BOOST_STEP_DN fields.
The initial boost voltage is configured with the VBOOST field. This field also sets the minimum boost voltage.
The VBOOST_MAX field sets the maximum boost voltage. When an LED pin is open, the monitored voltage will
never have enough headroom and the adaptive mode control loop will keep raising the boost voltage. The
VBOOST_MAX field allows the boost voltage to be limited to stay under the voltage rating of the external
components.
NOTE
Only LED strings that are enabled are monitored and PS_MODE field determines which
LED strings are enabled.
This Adaptive mode is selected using ADAPTIVE bit set to 1 (CFGA EPROM Register) and is the recommended
mode of boost control.
Figure 18. Boost Adaptive Control Principle
MANUAL CONTROL:
User can control the boost output voltage with the VBOOST EPROM field when adaptive mode is not used. The
following expression shows the relationship between the boost output voltage and the VBOOST field:
VBOOST= VBOOST_MIN+0.42*VBOOST[dec]
(1)
The expression is only valid when the calculated values are between the minimum boost output voltage and the
maximum boost output voltage. The minimum boost output voltage is set with the VBOOST_RANGE field. The
maximum boost output voltage is set with the VBOOST_MAX EPROM field.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com