Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Duty cycle D = 1 - VIN / VOUT
tSW = 1/fSW
Slew rate control,
programmable
Spread spectrum scheme,
programmable pseudo
random duty cycle changes
minimize EMI
LP8556
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
www.ti.com
EMI REDUCTION
The LP8556 features two EMI reduction schemes.
First scheme, Programmable Slew Rate Control, uses a combination of three drivers for boost switch. Enabling
all three drivers allows boost switch on/off transition times to be the shortest. On the other hand, enabling just
one driver allows boost switch on/off transition times to be the longest. The longer the transition times, the lower
the switching noise on the SW terminal. It should also be noted that the shortest transition times bring the best
efficiency as the switching losses are the lowest.
EN_DRV2 and EN_DRV3 bits in the EPROM determine the boost switch driver configuration. Refer to the SW
pin slew rate parameter listed under Boost Converter Electrical Characteristics(2) for the slew rate options.
The second EMI reduction scheme is the spread spectrum scheme which deliberately spreads the frequency
content of the boost switching waveform, which inherently has a narrow bandwidth, makes the switching
waveform's bandwidth wider and ultimately reduces its EMI spectral density.
Figure 19. Principles of EMI Reduction Schemes
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com