Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8556 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 23Page - Texas Instruments LP8556 Datasheet HTML 24Page - Texas Instruments LP8556 Datasheet HTML 25Page - Texas Instruments LP8556 Datasheet HTML 26Page - Texas Instruments LP8556 Datasheet HTML 27Page - Texas Instruments LP8556 Datasheet HTML 28Page - Texas Instruments LP8556 Datasheet HTML 29Page - Texas Instruments LP8556 Datasheet HTML 30Page - Texas Instruments LP8556 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
+1 LSB
PWM value 510 (10-bit)
PWM value 510 1/2 (10-bit)
PWM value 511 (10-bit)
Brightness (PWM)
Time
Slope Time
Advanced slope
Brightness (PWM)
Sloper Input
PWM Output
Time
Normal slope
LP8556
www.ti.com
SNVS871B – JULY 2012 – REVISED SEPTEMBER 2012
SLOPE AND ADVANCED SLOPE
Transition time between two brightness values can be programmed with EPROM bits <PWM_SLOPE[2:0]> from
0 to 500 ms. Same slope time is used for sloping up and down. With advanced slope the brightness changes can
be made more pleasing to a human eye.
Figure 24. Sloper Operation
DITHERING
Special dithering scheme can be used during brightness changes and in steady state condition. It allows
increased resolution and smaller average steps size during brightness changes. Dithering can be programmed
with EPROM bits <DITHER[1:0]> from 0 to 3 bits. <STEADY_DITHER> EPROM bit sets whether the dithering is
used also in steady state or only during slopes. Example below is for 1-bit dithering. E.g. for 3-bit dithering, every
8th pulse is made 1 LSB longer to increase the average value by 1/8th.
Figure 25. Example of the Dithering, 1-bit dither, 10-bit resolution
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com